công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SBS-D2-R/E2

  • AI
    The **SBS-D2-R/E2** is a specialized electronic module typically used in industrial automation, specifically within the **Festo** ecosystem or similar motion control environments. It generally functions as a **sensor/actuator interface** or a **decentralized controller module**. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics for this class of device: | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 24V DC (nominal) | | **Voltage Range** | 18V to 30V DC | | **Communication Protocol** | Proprietary or standard fieldbus (dependent on master) | | **Input Type** | PNP/NPN Digital Inputs (Configurable) | | **Protection Class** | IP65 / IP67 (dust and water-proof) | | **Connection Type** | M12 Circular Connectors | --- ### 2. Core Electronic Components The internal circuitry of the SBS-D2-R/E2 is designed for high reliability in "noisy" industrial environments. #### A. Power Management Circuitry * **Reverse Polarity Protection:** Prevents damage if the 24V supply is wired backwards. * **Voltage Regulation:** Internal step-down converters provide stable 3.3V or 5V rails for the logic processors. #### B. Signal Processing * **Optoisolators:** Used on input/output lines to protect the internal microprocessor from high-voltage spikes or ground loops occurring at the field device level. * **A/D Converters:** If the module handles analog signals, high-precision converters translate physical values into digital data for the controller. #### C. Connectivity Interface * **LED Status Indicators:** Integrated Surface Mount (SMD) LEDs provide real-time feedback on: * Power Status (Green) * Error/Diagnostic (Red) * Channel State (Yellow) --- ### 3. Functional Block Diagram (Logical) The following code block represents the signal flow within the electronic module: ```mermaid graph LR A[24V Power In] --> B[Internal Regulator] B --> C[Microcontroller] D[Field Sensors] --> E[Opto-Isolation] E --> C C --> F[Communication Driver] F --> G[Master Controller/PLC] ``` --- ### 4. Application Context The "R/E2" designation often implies specific electronic configurations: * **"R"**: Often stands for **Relay** or **Remote** capability. * **"E2"**: Typically refers to a specific version of **Electronic Switch** or a specific input/output count (e.g., 2 inputs). It is used primarily for reading sensor data (proximity switches, optical sensors) and relaying that data to a central PLC (Programmable Logic Controller) via a decentralized bus system. ---
    ✨ Follow-up Questions
    • ⤷What is the exact wiring pinout for the M12 connector on this device?
    • ⤷ Is the SBS-D2-R/E2 compatible with IO-Link communication?
    • ⤷ How do I troubleshoot a flashing red LED on this specific module?