công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SBS-C4-R

  • AI
    The **SBS-C4-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) thick film chip resistor**. It is part of a series often utilized in precision electronic circuits where space-saving and reliability are critical. --- ## Technical Specifications The following table outlines the general electronic characteristics of the SBS-C4-R component: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Resistor / Chip Resistor | | **Technology** | Thick Film | | **Package Size** | 0402 (Metric 1005) or 0603 depending on manufacturer specific prefix | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Termination Material** | Tin (Sn) over Nickel (Ni) | | **Operating Temperature** | -55°C to +155°C | --- ## Key Electronic Parts & Composition The internal architecture of an SBS series resistor consists of several distinct layers: ### 1. Ceramic Substrate The base of the component is usually made of **Alumina ($Al_2O_3$)**. This provides high insulation and thermal stability, ensuring the resistor does not deform under heat. ### 2. Resistive Element The "active" part of the component is a thick film layer made of a metal oxide (often Ruthenium Oxide). This material is screen-printed onto the substrate to achieve the desired resistance value. ### 3. Protective Coating A glass or epoxy resin overcoat is applied over the resistive element. This protects the part from: * Humidity and moisture ingress. * Mechanical scratches. * Oxidation during the soldering process. ### 4. Electrode Terminations The ends of the part feature multi-layered terminations: * **Inner Electrode:** Usually Silver (Ag) or Palladium-Silver (PdAg). * **Barrier Layer:** Nickel (Ni) to prevent "leaching" during soldering. * **Outer Layer:** Matte Tin (Sn) for excellent solderability. --- ## Application Use Cases Due to its "R" designation (often implying RoHS compliance or a specific tolerance/packaging code), this part is commonly found in: * **Consumer Electronics:** Smartphones, tablets, and wearables. * **Industrial Controls:** Signal conditioning and voltage division. * **Telecommunications:** Impedance matching in high-frequency circuits.
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value and tolerance for the SBS-C4-R?
    • ⤷ Which manufacturer produces the SBS-C4-R series?
    • ⤷ How does thick film technology differ from thin film in this component?