SBS-BA-R/E
AI

The **SBS-BA-R/E** refers to a specific electronic component kit typically used in industrial weighing systems or load cell transmitters, often associated with brands like **Steinberg Systems**. This specific designation usually identifies a **Replacement Motherboard/PCB Assembly** for industrial floor scales or hanging scales.
---
### 1. Core Electronic Components
The board functions as a high-precision analog-to-digital converter and processing unit. Below are the primary electronic sections found on the PCB:
| Component Category | Description | Function |
| :--- | :--- | :--- |
| **A/D Converter** | High-resolution 24-bit chip (e.g., HX711 or similar) | Converts analog voltage from load cells into digital data. |
| **Microcontroller (MCU)** | 8-bit or 32-bit Central Processor | Manages tare, zeroing, unit conversion, and display output. |
| **Voltage Regulator** | LDO (Low Dropout) Regulator | Stabilizes the input battery voltage (usually 4V or 6V) for sensitive logic. |
| **Display Header** | Multi-pin connector | Interfaces with the LCD or LED segment display. |
| **Signal Terminals** | Screw terminals (E+, E-, S+, S-) | Connects to the strain gauge (Load Cell). |
---
### 2. Technical Specifications
Most SBS-BA-R/E units share the following electronic parameters:
* **Input Voltage:** DC 4V to 6V (often powered by a lead-acid rechargeable battery).
* **Load Cell Interface:** Excitation voltage typically around 5V DC.
* **Operating Frequency:** 50/60 Hz internal clock for filtering noise.
* **Connectivity:** Usually features a 4-pin or 5-pin output for the weighing sensor.
---
### 3. Circuit Interface Mapping
The board is designed for easy replacement ("Plug and Play"). The standard wiring layout typically follows this logic:
```c
// Typical Pin Assignment for SBS-BA-R/E Load Cell Port
1. [VCC / E+] -> Red Wire (Excitation +)
2. [GND / E-] -> Black Wire (Excitation -)
3. [Sig+ / S+] -> Green/White Wire (Signal +)
4. [Sig- / S-] -> White/Blue Wire (Signal -)
```
---
### 4. Troubleshooting Electronic Failures
If the board is malfunctioning, check the following electronic symptoms:
1. **"Err" or "OFL" on Display:** Often caused by a failure in the **A/D Converter** section or a disconnected Signal (+) trace.
2. **No Power:** Check the **Diode** near the DC input jack; these often fail if a wrong polarity charger is used.
3. **Unstable Readings:** Check the **Electrolytic Capacitors**; if they bulge, they can no longer filter the ripple voltage from the battery.
- ⤷What is the specific load cell capacity supported by this PCB?
- ⤷ How do you calibrate the SBS-BA-R/E after replacement?
- ⤷ Can this board be modified to include an RS232 output?