công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SBS-B4-R/E2

  • AI
    The **SBS-B4-R/E2** is a specialized electronic module typically used in industrial automation, specifically within the **Festo** valve terminal or sensor/actuator interface ecosystem. It functions as a digital input module designed for rugged environments. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic characteristics of the module: | Feature | Specification | | :--- | :--- | | **Input Type** | Digital (Binary) | | **Number of Inputs** | 4 Inputs | | **Switching Logic** | PNP (Positive switching) | | **Connection Method** | M12 or M8 circular connectors (depending on housing) | | **Operating Voltage** | 24V DC (Nominal) | | **Protection Class** | IP65 / IP67 (Dust-tight and water-resistant) | | **Signal Processing** | Filtered to prevent debouncing | --- ### 2. Functional Components The electronic architecture of the SBS-B4-R/E2 consists of several critical stages: #### A. Input Conditioning Each of the 4 channels includes a current-limiting resistor and an RC filter. This stage ensures that electrical noise from long cable runs does not trigger "ghost" signals. #### B. Galvanic Isolation (Internal) While these modules share a common ground with the controller, higher-end variants often include optocouplers to isolate the sensitive internal logic from the high-voltage spikes common in industrial sensor lines. #### C. LED Diagnostics The module contains internal circuitry to drive status LEDs. * **Green/Yellow:** Indicates signal state (High/Low). * **Red (if applicable):** Indicates a short circuit or sensor failure. --- ### 3. Wiring and Logic Flow The module operates on a **PNP logic** principle. In this electronic configuration: 1. The sensor provides a **+24V signal** to the input pin when triggered. 2. The internal circuit compares this to the internal reference. 3. The logic "1" state is transmitted via the bus system (e.g., CPX or fieldbus) to the PLC. ```mermaid graph LR A[24V Sensor] -- Signal --> B(SBS-B4 Input) B -- Logic Processing --> C(Internal Bus) C -- Data --> D[Master PLC] ``` --- ### 4. Typical Applications * **Sensor Aggregation:** Collecting signals from 4 proximity switches and sending them over a single cable. * **Feedback Loops:** Monitoring the position of pneumatic cylinders (End-stop detection). * **Distributed I/O:** Reducing wiring complexity in large machine cells.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M12 connectors on this module?
    • ⤷ Can this module be used with NPN sensors using a converter?
    • ⤷ What is the maximum current draw per input channel for the SBS-B4-R/E2?