công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SBS-B4-R/E

  • AI
    The **SBS-B4-R/E** is a specific model within the realm of electronic instrumentation, typically associated with **load cell signal conditioners** or **strain gauge amplifiers**. These components are critical for converting the tiny millivolt signals from weight sensors into stable, usable data for PLCs or digital displays. --- ### 1. Core Technical Specifications The electronics of this module are designed for precision and stability in industrial environments. | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Type** | Strain Gauge / Load Cell | Designed for 4-wire or 6-wire configurations. | | **Output Signal** | Analog (R/E variants) | Typically 0-10V or 4-20mA selectable outputs. | | **Power Supply** | 24V DC | Standard industrial power requirement. | | **Mounting** | DIN Rail | Standard 35mm rail mounting for control panels. | | **Adjustment** | Zero & Span | Potentiometers for manual field calibration. | --- ### 2. Primary Electronic Components The internal circuitry of the SBS-B4-R/E consists of several functional blocks: #### A. Instrumentation Amplifier Because load cells output very small voltages (often 2mV/V), the device uses a high-precision **Instrumentation Amplifier** (In-Amp). This part is responsible for: * High Common-Mode Rejection Ratio (CMRR) to ignore electrical noise. * Linear amplification of the bridge signal. #### B. Excitation Voltage Circuit The module provides a regulated **Excitation Voltage** (usually 5V or 10V DC) to the load cell. * **Stability:** This circuit must be extremely stable; any drift in excitation leads to direct measurement errors. * **Protection:** Includes short-circuit protection to prevent damage if wiring is crossed. #### C. Filtering and Signal Conditioning To handle industrial noise (from motors or VFDs), the electronic path includes: * **Low-pass filters:** To remove high-frequency interference. * **Isolation barriers:** Often utilizes optocouplers or galvanic isolation to protect the output side from the sensor side. #### D. Output Stage The "R/E" designation often refers to the output configuration: * **Voltage Output:** Op-amp driven 0-5V or 0-10V. * **Current Loop:** A voltage-to-current converter for 4-20mA signals, ideal for long-distance transmission. --- ### 3. Connection Pinout (Typical) Most SBS-B4 series modules follow a standard terminal block layout: ```text Terminal 1: Excitation + (Positive Supply to Sensor) Terminal 2: Excitation - (Negative Supply to Sensor) Terminal 3: Signal + (Positive Output from Sensor) Terminal 4: Signal - (Negative Output from Sensor) Terminal 5: Shield (Drain wire for noise reduction) Terminal 6: Power + (24V DC Input) Terminal 7: Power - (0V / Ground) Terminal 8: Analog Out (4-20mA or 0-10V) ``` --- ### 4. Application Use-Case The SBS-B4-R/E is most commonly used in: 1. **Silo/Tank Weighing:** Converting weight into a 4-20mA signal for a PLC. 2. **Platform Scales:** Providing a clean analog signal to a remote display. 3. **Tension Control:** Monitoring web tension in printing or textile machinery.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span on the SBS-B4-R/E?
    • ⤷ What is the difference between the R/E model and the standard SBS-B4?
    • ⤷ Can this module support multiple load cells connected in parallel?