SBS-AB-R/E2
AI

The **SBS-AB-R/E2** is a specialized electronic module typically used in industrial automation, specifically within the **Festo** product ecosystem. It is an end plate or supply module used for pneumatic valve terminals (often associated with the CPV or SBS series).
Below is a breakdown of its electronic components and specifications.
### 1. Technical Specifications
The device functions as an electrical interface for managing power and signals within a modular valve manifold.
| Feature | Specification |
| :--- | :--- |
| **Operating Voltage** | 24V DC (Standard Industrial) |
| **Connection Type** | M12 or D-Sub (depending on configuration) |
| **Protection Class** | IP65 (Dust-tight and water-jet resistant) |
| **Material** | Die-cast aluminum/Reinforced Polymer |
| **Logic Type** | PNP (Commonly indicated by "E2") |
---
### 2. Key Electronic Components
The SBS-AB-R/E2 contains several critical electronic sub-assemblies to ensure reliable communication between the PLC (Programmable Logic Controller) and the pneumatic actuators:
* **Integrated Bus Interface:** Contains the circuitry required to translate fieldbus signals (like PROFIBUS, CANopen, or DeviceNet) into local switching commands for individual valve solenoids.
* **Status LEDs:** Typically includes visual diagnostics:
* **Power LED:** Indicates 24V supply status.
* **Bus Status:** Indicates active communication with the master controller.
* **Error LED:** Signals short circuits or communication timeouts.
* **Protection Circuitry:** Includes internal fuses or electronic current limiting to protect the manifold against overvoltage and polarity reversal.
* **Switching Transistors (PNP):** The "E2" designation often refers to the **positive-switching (PNP)** output logic used to trigger the solenoid coils.
---
### 3. Wiring and Pin Assignment
Electronic integration usually follows standard M12 industrial connector pinouts to ensure compatibility.
```yaml
Pin Layout (Typical M12 5-pin):
1. 24V DC (Operating Voltage)
2. 24V DC (Load Voltage for Valves)
3. 0V / Ground
4. Communication Signal A
5. Communication Signal B / FE (Functional Earth)
```
### 4. Application Context
In an electronic system, this part acts as the **Electrical End Plate**. Its primary roles are:
1. **Terminating the Internal Bus:** It provides the necessary electrical termination for the data bus running through the valve slices.
2. **Power Distribution:** It bridges the external 24V supply to the internal backplane that powers each individual solenoid valve.
---
- ⤷
What is the difference between PNP (E2) and NPN electronic logic in valve terminals?
- ⤷ How do I troubleshoot a 'Bus Error' light on an SBS series module?
- ⤷ Can the SBS-AB-R/E2 be used with IO-Link protocols?