SBS-AB-R
AI

The **SBS-AB-R** is a specific accessory kit used primarily for **Safe-By-Shape (SBS)** battery racks, often associated with uninterruptible power supplies (UPS) and large-scale energy storage systems. Specifically, it refers to an **Auxiliary Contact/Battery Breaker Interface Kit**.
Below is a breakdown of the electronic components and functions associated with this part.
---
### 1. Technical Specifications
The SBS-AB-R serves as the electronic bridge between a battery cabinet's DC circuit breaker and the UPS monitoring system.
| Component | Description |
| :--- | :--- |
| **Primary Function** | Remote monitoring of battery breaker status |
| **Output Type** | Dry Contact (Form C) |
| **Interface** | Auxiliary Switch / Trip Unit |
| **Compatibility** | SBS Series Battery Racks & Industrial UPS units |
---
### 2. Key Electronic Parts & Modules
The kit typically includes several sub-components designed to integrate with high-voltage DC systems:
* **Auxiliary Switch (Microswitch):**
* This is a mechanical-electronic switch that clips onto the side of the main DC breaker.
* It changes state (Open/Closed) based on the physical position of the breaker handle.
* **Shunt Trip (Optional Attachment):**
* An electromagnetic coil that allows the UPS to electronically force the battery breaker to "Trip" in the event of an emergency (EPO - Emergency Power Off).
* **Wiring Harness:**
* A pre-terminated cable assembly that routes signals from the breaker's internal cavity to the external terminal block.
* **Terminal Block:**
* The interface point where the end-user connects the UPS control wires.
---
### 3. Functional Operation
The electronics within the SBS-AB-R facilitate three main safety functions:
1. **Status Feedback:** Sends a signal to the UPS control logic to confirm if the batteries are connected or if the breaker has been manually turned off for maintenance.
2. **Fault Notification:** If the breaker trips due to an overcurrent or short circuit, the auxiliary contact triggers an alarm on the monitoring software.
3. **Emergency Shutdown:** Provides the electronic path for the "Remote Trip" command, ensuring the DC bus is de-energized during a fire or system failure.
---
### 4. Installation Overview
* **Mounting:** Internal to the battery cabinet breaker housing.
* **Wiring:** Typically involves 18-22 AWG wire for the signal path.
* **Voltage Isolation:** Designed to provide galvanic isolation between the high-voltage DC battery string (up to 600VDC) and the low-voltage control logic (12V/24VDC).
- ⤷What are the specific wiring diagrams for the SBS-AB-R shunt trip?
- ⤷ Is the SBS-AB-R compatible with third-party DC breakers?
- ⤷ How do you troubleshoot a 'Battery Breaker Open' alarm when the SBS-AB-R is installed?