công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SBS-22-R/E

  • AI
    The **SBS-22-R/E** is a specific model within a series of high-performance electronic components, typically categorized as a **Surface Mount (SMT) or Plug-in Power Inductor/Choke** or a **Battery Management/Monitoring System** accessory, depending on the manufacturer (most commonly associated with brands like **Sagami** for inductors or specific industrial battery testing equipment). Below is a breakdown of the electronic characteristics and specifications generally associated with this part number. --- ### 1. General Specifications The "SBS" prefix usually denotes a "Shielded" or "High-Current" series. The "22" typically refers to the physical size or the base inductance value. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Power Inductor / Magnetic Component | | **Shielding** | Magnetic Shielding (reduces EMI) | | **Mounting Type** | Surface Mount (SMD) | | **Operating Temp** | -40°C to +125°C | | **Compliance** | RoHS Compliant / Lead-Free | --- ### 2. Key Electronic Parameters If we look at the internal electronic construction of the **SBS-22-R/E**, it focuses on balancing high current capacity with low DC resistance. * **Inductance Value:** Usually denoted by the "22" (e.g., 22µH or a specific code related to 2.2µH depending on the vendor's datasheet). * **DC Resistance (DCR):** Designed to be extremely low to minimize power loss and heat generation. * **Saturation Current ($I_{sat}$):** The point at which the inductance drops (usually by 30%). These parts are engineered for high saturation levels to handle peak currents in switching power supplies. * **Rated Current ($I_{rms}$):** The continuous current the part can handle without exceeding a specific temperature rise (usually 40°C). --- ### 3. Application Circuits The SBS-22-R/E is commonly used in the following electronic environments: 1. **DC-DC Converters:** Used as a storage element to smooth out current ripples. 2. **Noise Filtering:** Acting as a choke to block high-frequency noise in power lines. 3. **Battery Management Systems (BMS):** Used in the power stage of battery monitoring or charging circuits. --- ### 4. Part Number Breakdown (Typical) | Code Segment | Meaning | | :--- | :--- | | **SBS** | Series name (Standard/Shielded/High-Current) | | **22** | Size Dimension or Inductance Code | | **R** | Tolerance (Often ±20%) or "Reduced" profile | | **E** | Packaging indicator (e.g., Embossed Tape & Reel) | --- ### 5. Technical Precautions * **Soldering:** Should follow standard Reflow Soldering profiles to avoid cracking the ferrite core. * **Magnetic Interference:** While shielded, avoid placing highly sensitive analog traces directly underneath the component.
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value and tolerance for the SBS-22-R/E?
    • ⤷ Which manufacturer produces this specific model (e.g.
    • ⤷ Sagami
    • ⤷ SBS Storage)?
    • ⤷ What are the physical dimensions (footprint) of this electronic part?