công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SBS-154-R/E2

  • AI
    The **SBS-154-R/E2** is a specialized electronic component, typically categorized as a **Surface Mount (SMD) Power Inductor** or a specific high-frequency transformer/choke, often manufactured by companies like **Sumida** or equivalent power component specialists. Below is a breakdown of the electronic characteristics and specifications typical for this part series. --- ### 1. Key Technical Specifications The "SBS" series is designed for efficiency in power conversion and noise filtering. | Feature | Description | | :--- | :--- | | **Component Type** | SMD Power Inductor / Common Mode Choke | | **Inductance Range** | Typically measured in $\mu H$ (Microhenries) | | **Current Rating** | High DC current capability (varies by specific E2 tolerance) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Operating Temp** | -40°C to +125°C (Industrial Grade) | | **Core Material** | Ferrite (for low core losses at high frequencies) | --- ### 2. Physical Construction The part is engineered for high-density PCB layouts where vertical space and thermal management are critical. * **Shielding:** Most parts in this series are **magnetically shielded**. This prevents Electromagnetic Interference (EMI) from affecting nearby sensitive components on the board. * **Termination:** The "R" in the suffix often denotes **RoHS compliance** (lead-free), and the terminals are usually tin-plated for reliable reflow soldering. * **Winding:** Utilizes high-quality copper wire with specialized insulation to handle voltage spikes without breakdown. --- ### 3. Common Applications The SBS-154-R/E2 is generally integrated into the following circuits: 1. **DC-DC Converters:** Used as an energy storage element in buck, boost, or buck-boost regulators. 2. **Input/Output Filtering:** Acts as a low-pass filter to smooth out ripple current in power supplies. 3. **Battery Management Systems (BMS):** Found in portable electronics for efficient power distribution. 4. **Automotive Electronics:** Due to its robust temperature rating, it is often used in infotainment or lighting control modules. --- ### 4. Circuit Symbol and Implementation In a schematic, this component is represented as an inductor. ```spice * Typical implementation in a Buck Converter Vin 1 0 DC 12V S1 1 2 Gate_Signal L1 2 3 [SBS-154-R/E2 Value] ; Power Inductor C1 3 0 100uF ; Filter Capacitor Rload 3 0 10 ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value and DC resistance for the E2 variant?
    • ⤷ Can this part be used in automotive AEC-Q200 qualified applications?
    • ⤷ What are the recommended reflow soldering profiles for the SBS series?