SBS-11-R/E2
AI

The **SBS-11-R/E2** is a specialized electronic component, typically identified as a **high-precision, compact micro-switch** or a **tactile button assembly** often used in industrial controls, automotive interfaces, or consumer electronics.
Below is a breakdown of its electronic characteristics and structural components.
### 1. Key Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Micro-switch / Tactile Push Button |
| **Contact Configuration** | Single Pole Single Throw (SPST) or DPST (depending on sub-variant) |
| **Current Rating** | Typically 50mA to 2A (low power signal switching) |
| **Voltage Rating** | 12V DC to 24V DC |
| **Operating Force** | 1.0N to 2.5N |
| **Mounting Type** | Through-hole (THT) or Surface Mount (SMD) |
---
### 2. Internal Electronic Parts
The SBS-11-R/E2 consists of several precision-engineered internal parts that manage the electrical connection:
* **Actuator (Plunger):** The physical part pressed by the user. It is usually made of high-temp thermoplastic (PBT or LCP).
* **Contact Dome / Spring:** A metallic disc (often gold or silver plated) that provides the "click" feel and completes the circuit when compressed.
* **Terminals:** The conductive pins that exit the housing to be soldered onto a PCB. The "R/E2" designation often refers to a specific terminal orientation (e.g., right-angle or specific pitch).
* **Base/Housing:** An insulating frame that holds the components together and prevents electrical leakage between pins.
---
### 3. Circuit Implementation
In a typical electronic schematic, the SBS-11-R/E2 acts as an input trigger. Below is a simple representation of how it is wired to a microcontroller (MCU):
```cpp
// Example: Basic Pull-up Resistor Logic
// [VCC] --- [Resistor] --- [Pin] --- [SBS-11 Switch] --- [GND]
int buttonPin = 2;
void setup() {
pinMode(buttonPin, INPUT_PULLUP); // Internal resistor keeps pin HIGH
}
void loop() {
int state = digitalRead(buttonPin);
if (state == LOW) {
// Switch is pressed, completing circuit to Ground
performAction();
}
}
```
---
### 4. Common Applications
* **Industrial Panels:** Used as "Reset" or "Select" buttons due to high durability.
* **Consumer Audio:** Volume or track navigation buttons.
* **Automotive:** Interior lighting controls or dashboard interface buttons.
- ⤷
What are the mechanical dimensions and pin spacing for the SBS-11-R/E2?
- ⤷ Does this model support waterproof (IP67) ratings?
- ⤷ How does the 'R/E2' suffix change the mounting style compared to the base model?