SB260L-SMA-R
AI

## SB260L-SMA-R: Technical Overview
The **SB260L-SMA-R** is a specific surface-mount Schottky Barrier Rectifier diode. It is designed for high-frequency applications, power supplies, and protection circuits where low forward voltage drop and fast switching are required.
---
### 1. Key Technical Specifications
The following table outlines the primary electrical and physical characteristics of the component:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Part Number** | SB260L-SMA-R | Manufacturer specific code |
| **Diode Type** | Schottky Barrier | Low voltage, high-speed switching |
| **Max Repetitive Reverse Voltage ($V_{RRM}$)** | 60V | The maximum voltage it can block |
| **Average Rectified Current ($I_{O}$)** | 2.0A | Continuous current capacity |
| **Forward Voltage Drop ($V_F$)** | ~0.70V (at 2A) | Low energy loss during conduction |
| **Peak Surge Current ($I_{FSM}$)** | 50A | Max current for 8.3ms half-sine wave |
| **Package Type** | SMA (DO-214AC) | Surface mount package |
| **Operating Temperature** | -55°C to +150°C | Thermal range |
---
### 2. Component Features
* **Low Forward Voltage:** The "L" in the part number often signifies "Low" forward voltage, which minimizes power dissipation and improves efficiency in battery-powered devices.
* **Guard Ring Construction:** Includes a guard ring for transient protection, enhancing the durability against voltage spikes.
* **SMA Packaging:** The SMA (DO-214AC) footprint is small and flat-leaded, making it ideal for automated surface mount assembly.
* **High Surge Capacity:** Capable of handling significant inrush currents without failure.
---
### 3. Common Applications
Due to its high speed and efficiency, the SB260L-SMA-R is commonly found in:
1. **DC-DC Converters:** Used as a freewheeling diode to maintain current flow when switches are off.
2. **Polarity Protection:** Prevents damage to a circuit if the battery or power source is connected backward.
3. **AC-DC Rectification:** Used in low-voltage secondary rectification for power adapters.
4. **Clamping Circuits:** Used to limit voltage levels in signal processing.
---
### 4. Package Dimensions (SMA/DO-214AC)
```text
Top View Side View
+------------+ +------------+
| | | | Height: ~2.0 - 2.4 mm
| [ MARK ] | +--[____]----+
| | ^--- Leads
+------------+
Length: ~4.0 - 4.5 mm
Width: ~2.5 - 2.8 mm
```
- ⤷
What are the main differences between the SB260L and a standard 1N4007 diode?
- ⤷ How does temperature affect the leakage current of this Schottky diode?
- ⤷ Can this diode be used in high-voltage AC rectification circuits?