công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SB160L-SMA-R

  • AI
    ### SB160L-SMA-R: Electronic Specifications and Overview The **SB160L-SMA-R** is a Surface Mount Schottky Barrier Rectifier. It is primarily used for low-voltage, high-frequency rectification and freewheeling applications. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics for this component: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Maximum Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 60 | V | | **Maximum RMS Voltage** | $V_{RMS}$ | 42 | V | | **Maximum Average Forward Rectified Current** | $I_{F(AV)}$ | 1.0 | A | | **Peak Forward Surge Current** (8.3ms half sine) | $I_{FSM}$ | 30 | A | | **Maximum Forward Voltage** (at $I_F = 1A$) | $V_F$ | 0.70 | V | | **Operating Junction Temperature Range** | $T_J$ | -55 to +150 | °C | --- ### 2. Physical and Package Characteristics The suffix **"SMA"** refers to the package type, while **"R"** usually denotes the packaging method (Tape & Reel). * **Package Type:** SMA (DO-214AC) * **Mounting Type:** Surface Mount (SMD) * **Case Material:** Molded plastic (UL Flammability Classification 94V-0) * **Polarity:** Color band denotes cathode end. --- ### 3. Core Features * **Low Forward Voltage Drop:** High efficiency and low power loss. * **High Current Capability:** Rated for 1A continuous current despite the small footprint. * **High Surge Capacity:** Can withstand up to 30A for short durations. * **Schottky Technology:** Fast switching speed due to low majority carrier conduction. --- ### 4. Typical Applications The SB160L-SMA-R is commonly found in the following circuits: 1. **Switching Mode Power Supplies (SMPS):** Used for rectification. 2. **DC-DC Converters:** Act as freewheeling diodes. 3. **Reverse Polarity Protection:** Protecting sensitive components from battery reversal. 4. **Voltage Clamping:** Preventing voltage spikes in inductive loads. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the SB160L-SMA-R?
    • ⤷ How does the 'L' in SB160L differ from the standard SB160?
    • ⤷ What is the typical power dissipation limit for the SMA package?