công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SAP5SB-B-R

  • AI
    The **SAP5SB-B-R** is a specialized integrated circuit (IC) primarily used as a **Universal Actuator-Sensor Interface (AS-i) Slave IC**. It is manufactured by Renesas Electronics (formerly IDT/ZMDI). This component serves as a bridge between physical sensors/actuators and a two-wire AS-i bus system, commonly used in industrial automation for networking simple I/O devices. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Package** | SOP20 (Small Outline Package, 20-pin) | | **AS-i Specification** | Version 3.0 Compliant | | **Supply Voltage** | Powered via the AS-i bus (approx. 30V DC) | | **I/O Configuration** | Up to 4 input/output pins | | **Addressing Mode** | Supports Standard and Extended (A/B) addressing | | **Operating Temp** | -25°C to +85°C | --- ### 2. Functional Blocks The IC integrates several critical electronic functions to minimize external component count: 1. **Analog Front-End (AFE):** Handles the Manchester-encoded communication signals coming from the AS-i bus line. 2. **Voltage Regulator:** Converts the 30V AS-i bus voltage down to stable internal logic levels (usually 5V or 3.3V). 3. **EEPROM:** Stores the unique slave address and configuration parameters, allowing the device to retain its identity even after power loss. 4. **Digital Logic / Controller:** Manages the communication protocol, error detection (checksums), and controls the I/O pins based on master commands. 5. **Watchdog Timer:** Ensures the device resets or enters a safe state if communication with the master is lost. --- ### 3. Pinout Overview (General) While specific to the SOP20 package, the primary pins include: * **ASIP / ASIN:** Connection to the positive and negative poles of the AS-i bus. * **D0 - D3:** Data I/O pins for connecting to sensors (buttons, proximity switches) or actuators (LEDs, relays). * **P0 - P3:** Parameter ports used for additional configuration or control signals. * **LED:** Output pin to drive a status LED indicating "Power On" or "Fault." --- ### 4. Application Context The **SAP5SB-B-R** is typically used in the following scenarios: * **Distributed I/O:** Connecting remote pushbuttons or limit switches to a central PLC without bulky wiring. * **Smart Sensors:** Embedding the IC directly into a sensor housing to make it "Bus-capable." * **Safety Systems:** Used in AS-Interface Safe at Work applications (though often requires specific safety-rated versions). --- ### 5. Part Number Breakdown * **SAP5:** Series name (AS-i Slave IC family). * **S:** Standard version. * **B-B:** Specific revision and silicon stepping. * **R:** Tape and Reel packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between AS-i v2.1 and v3.0 supported by this IC?
    • ⤷ How do you program the address into the SAP5SB-B-R EEPROM?
    • ⤷ What external components are required to complete an AS-i slave circuit with this chip?