công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SAP51B-A-R

  • AI
    ## SAP51B-A-R: Component Overview The **SAP51B-A-R** is a specialized integrated circuit (IC) primarily used in automotive and industrial communication networks. It belongs to the **AS-Interface (Actuator Sensor Interface)** family, specifically designed as a universal slave IC. --- ### 1. Key Technical Specifications The SAP51B is designed to provide the physical layer interface between a field device (like a sensor or actuator) and the AS-Interface bus. | Feature | Specification | | :--- | :--- | | **Type** | AS-Interface Universal Slave IC | | **Standard** | AS-i Specification v3.0 | | **Package** | SOP20 (Small Outline Package) | | **Operating Voltage** | 16V to 31.6V (Bus powered) | | **Output Current** | Up to 40mA (Internal regulator) | | **Communication** | APDU (Application Protocol Data Unit) | | **Safety** | Suitable for Safety at Work (SaW) applications | --- ### 2. Core Functional Blocks The electronic architecture of the SAP51B-A-R consists of several critical internal components that handle power and data: 1. **Bus Interface & Power Supply:** * It extracts power directly from the two-wire AS-i bus. * Includes an integrated 5V/3.3V voltage regulator to power external sensors or local microcontrollers. 2. **Receiver / Transmitter:** * Converts the modulated signals from the bus into digital data and vice-versa. * Uses Manchester-like encoding for robust data transfer in noisy environments. 3. **Digital Logic:** * Handles addressing (the device identity on the network). * Manages the data exchange between the bus and the local I/O pins. 4. **EEPROM Interface:** * Stores the slave address and configuration parameters, ensuring they persist even after power-loss. --- ### 3. Pin Configuration (Common SOP20) | Pin Name | Function | Description | | :--- | :--- | :--- | | **ASI+ / ASI-** | Bus Input | Direct connection to the AS-Interface cable. | | **UOUT** | Voltage Out | Power supply for external electronics. | | **D0 - D3** | Data I/O | Bidirectional data pins for communication with the field device. | | **P0 - P3** | Parameter Port | Used for configuration and status flags. | | **RESET** | Input | System reset trigger. | --- ### 4. Application Context The **"R"** in the part number usually indicates "RoHS compliant" or "Reel" packaging for automated assembly. This chip is frequently found in: * **Industrial Automation:** Connecting proximity switches or valves to a PLC. * **Material Handling:** Conveyor belt sensor integration. * **Safety Systems:** Enabling "Safe" communication over standard bus lines. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the SAP51B and older versions like the SAP5S?
    • ⤷ How do you program the address of an SAP51B-A-R IC?
    • ⤷ What are the specific thermal operating limits for this component?