công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SA2U1-AB-R

  • AI
    The **SA2U1-AB-R** is a specific electronic component typically categorized under high-performance **Fiber Optic Transceiver Modules**. It is widely used in telecommunications and data networking to convert electrical signals into optical signals (and vice-versa). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications | Attribute | Specification | | :--- | :--- | | **Product Category** | Optical Transceiver Module | | **Form Factor** | SFP (Small Form-factor Pluggable) / SFP+ | | **Data Rate** | Typically up to 1.25 Gbps or 10 Gbps (depending on the specific series revision) | | **Interface Type** | Duplex LC Connector | | **Wavelength** | 1310nm or 1550nm (Commonly Single-mode) | | **Transmission Distance** | 10km to 20km (Standard Range) | --- ### 2. Internal Electronic Architecture The SA2U1-AB-R consists of several critical electronic sub-assemblies: * **TOSA (Transmitter Optical Sub-Assembly):** Contains a laser diode (often a DFB or FP laser) that converts the incoming electrical bitstream into light pulses. * **ROSA (Receiver Optical Sub-Assembly):** Contains a high-sensitivity photodiode (PIN or APD) that detects incoming light and converts it back into an electrical current. * **MCU (Microcontroller Unit):** Manages the internal logic, laser safety protocols, and the **DDM (Digital Diagnostic Monitoring)** functions. * **TIA (Transimpedance Amplifier):** Amplifies the weak current from the photodiode into a usable voltage signal for the host system. --- ### 3. Key Electronic Features #### A. Digital Diagnostic Monitoring (DDM/DOM) This part supports real-time monitoring of: - **Transmitter Power:** Monitors the health of the laser. - **Receiver Power:** Measures the strength of the incoming fiber signal. - **Temperature:** Internal thermal sensors prevent overheating. - **Supply Voltage:** Monitors the 3.3V power rail stability. #### B. Hot-Pluggable Capability The electronic pinout is designed to allow the module to be inserted or removed from a powered switch or router without causing an electrical short or requiring a system reboot. #### C. EMI Shielding The metal casing (typically indicated by the "-R" or similar suffix in some naming conventions) provides electromagnetic interference protection, ensuring the high-speed electronic signals inside do not interfere with adjacent modules. --- ### 4. Typical Application Circuit When integrated into a PCB, the SA2U1-AB-R interacts with the host via a 20-pin connector. ```cpp // Schematic Logic for SFP Interface 1. TD +/- (Transmit Differential Pair): High-speed PECL/CML signals from Host to Module. 2. RD +/- (Receive Differential Pair): High-speed signals from Module to Host. 3. SDA/SCL: I2C interface for DDM data reading. 4. TX_Fault: Logic HIGH if laser fails. 5. RX_Loss: Logic HIGH if no optical signal is detected. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power consumption of the SA2U1-AB-R module?
    • ⤷ Is this module compatible with Cisco or Juniper hardware standards?
    • ⤷ What are the specific temperature range ratings for this part?