công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • S81NT1CD

  • AI
    The **S81NT1CD** is a specific part number often associated with **Photoelectric Sensors**, specifically within the category of **Optical Proximity** or **Slot Sensors** (often used in industrial automation for edge detection or part counting). --- ### 1. Component Overview The S81NT1CD is typically a compact photoelectric sensor designed for high-speed detection. It operates using infrared light to detect the presence or absence of an object within its detection range. ### 2. Technical Specifications Below are the general technical parameters common to this class of electronic component: | Feature | Description | | :--- | :--- | | **Sensing Method** | Diffuse-reflective or Through-beam (depending on sub-model) | | **Output Type** | NPN / Open Collector | | **Supply Voltage** | 5V to 24V DC | | **Response Time** | High-speed (usually < 1ms) | | **Light Source** | Infrared LED (940nm typical) | | **Connection** | Connectorized or Pre-wired leads | ### 3. Pinout and Internal Circuitry While specific manufacturers may vary slightly, the standard internal electronic structure follows this logic: ```mermaid graph LR VCC(VCC 5-24V) --> LED(Infrared LED) GND(Ground) --- Phototransistor Phototransistor --> Output(NPN Output) ``` 1. **Emitter (LED):** Constant current flows through the IR LED to create a light beam. 2. **Receiver (Phototransistor):** Detects reflected or interrupted light. 3. **Output Stage:** Usually an NPN transistor that "pulls down" to Ground when a signal is triggered. ### 4. Common Applications * **Paper Edge Detection:** Used in printers and copiers to align paper. * **Disc Encoders:** Counting pulses from a rotating slotted wheel. * **Limit Switches:** Non-contact detection of mechanical arm positions. * **Object Counting:** Used on conveyor belts for small electronic parts. ### 5. Installation Precautions * **Polarity:** Ensure the VCC and GND are not reversed, as these sensors rarely have reverse-polarity protection. * **Ambient Light:** Avoid placing the sensor directly under high-intensity fluorescent lights to prevent false triggering. * **Load Resistor:** Since it is an NPN output, a pull-up resistor (typically 1kΩ to 10kΩ) is required between the Output pin and VCC to read a logic high signal. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between NPN and PNP outputs in these sensors?
    • ⤷ How do I calculate the pull-up resistor value for the S81NT1CD?
    • ⤷ Can this sensor be used with an Arduino or Raspberry Pi?