S505SC-2.5-R
AI

## Technical Overview: S505SC-2.5-R
The **S505SC-2.5-R** is a high-performance, time-delay ceramic tube fuse manufactured by **Eaton (Bussmann Series)**. It is designed specifically for applications requiring high breaking capacity in a compact form factor.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Rated Current** | 2.5 Amperes |
| **Voltage Rating (AC)** | 250 VAC |
| **Fuse Type** | Time-Delay (Slow Blow) |
| **Body Material** | Ceramic |
| **Dimensions** | 5mm x 20mm |
| **Breaking Capacity** | 1500A @ 250VAC |
| **Termination Style** | Cartridge (Ferrule) |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### 2. Detailed Component Breakdown
#### A. Time-Delay Characteristic
The "S505SC" series features a **Time-Delay** (often called "Slow-Blow") mechanism. This allows the fuse to withstand temporary current surges (inrush currents) common in motors or power supplies without blowing, while still protecting against sustained overloads or short circuits.
#### B. Ceramic Construction
Unlike glass fuses, the ceramic body allows for a significantly higher **Interrupting Rating** (Breaking Capacity). In the event of a catastrophic failure, the ceramic body can withstand much higher internal pressure and heat without shattering.
#### C. High Breaking Capacity
With a rating of **1500A**, this fuse can safely interrupt very high fault currents. This is critical in industrial environments where the potential energy behind a short circuit is substantial.
---
### 3. Part Number Suffix Meanings
* **S505**: The base series (5x20mm high-breaking capacity ceramic).
* **SC**: Often denotes specific plating or internal construction variations (typically axial leads are "S505-V", while cartridge is standard).
* **2.5**: The amperage rating (2.5 Amps).
* **-R**: Indicates the part is lead-free and **RoHS compliant**.
---
### 4. Typical Applications
* **Power Supplies:** Protecting the input stage of AC-DC converters.
* **Industrial Control:** Protection for PLCs and small motor controllers.
* **Consumer Electronics:** High-end appliances that experience surge currents at startup.
* **LED Lighting:** Drivers that require high-reliability circuit protection.
- ⤷
What is the difference between this ceramic fuse and a standard glass fuse of the same rating?
- ⤷ Can this fuse be used in DC circuits
- ⤷ and what are the limitations?
- ⤷ What are the specific mounting options for the 5x20mm cartridge format?