S505-4-R
AI

The **S505-4-R** is a high-performance ceramic body, time-delay (slow-blow) fuse manufactured by **Eaton (formerly Bussmann)**. It is widely used in electronic equipment to protect circuits from overcurrent conditions.
---
## 1. Technical Specifications
The following table summarizes the key electrical and physical characteristics of the S505-4-R:
| Parameter | Specification |
| :--- | :--- |
| **Current Rating** | 4 Amperes (4A) |
| **Voltage Rating (AC)** | 250 VAC |
| **Fuse Type** | Time-Delay / Slow-Blow (T-Type) |
| **Body Material** | Ceramic |
| **Physical Dimensions** | 5mm x 20mm |
| **Breaking Capacity** | 1500A @ 250VAC |
| **Resistance (Typical)** | 0.0163 Ohms |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
## 2. Key Features and Component Breakdown
### A. Ceramic Construction
Unlike glass fuses, the ceramic body allows for a much higher **breaking capacity** (interrupting rating). This means the fuse can safely interrupt a short circuit of up to 1500 Amps without the body shattering or exploding.
### B. Time-Delay (Slow-Blow) Characteristic
The S505 series is designed to handle temporary "inrush" currents. For example, when a power supply is first turned on, it might briefly draw more than 4A. This fuse will not blow immediately during that brief spike but will open if a sustained overcurrent of 4A or more persists.
### C. The "-R" Suffix
In Eaton's nomenclature, the **-R** indicates that the part is fully compliant with **RoHS** (Restriction of Hazardous Substances) standards, meaning it is lead-free.
---
## 3. Common Applications
The S505-4-R is commonly found in the following electronic components:
* **Power Supplies:** Main input protection for AC/DC adapters.
* **Industrial Controllers:** Protection for PLCs and motor starters.
* **Consumer Electronics:** High-end audio equipment, televisions, and large appliances.
* **LED Drivers:** Protecting the circuitry from surges.
---
## 4. Part Number Decoding
`S505` - `4` - `R`
* **S505:** Series name (5x20mm, Ceramic, Time-Delay).
* **4:** Amperage rating (4 Amps).
* **R:** RoHS compliant.
- ⤷
What is the difference between the S505 (ceramic) and the S506 (glass) series?
- ⤷ Can I replace a 4A fast-acting fuse with this S505-4-R slow-blow fuse?
- ⤷ What is the I2t (melting integral) value for this specific fuse?