S500-2-R
AI

The **S500-2-R** is a specific electronic component within the **S500 Series of Time-Delay Glass Tube Fuses**, typically manufactured by **Eaton (Bussmann Division)**. It is designed to protect electrical circuits from overcurrent conditions while allowing for temporary surges.
### 1. Key Technical Specifications
The part number "S500-2-R" can be broken down to understand its electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Series** | S500 (Time-Delay / Slow Blow) |
| **Amperage Rating** | 2 Amps |
| **Voltage Rating (AC)** | 250 VAC |
| **Construction Material** | Glass Tube with Brass Endcaps |
| **Standard Size** | 5mm x 20mm |
| **Interrupting Rating** | 35A at 250VAC |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### 2. Physical & Material Composition
Understanding the physical build is crucial for integration into PCBs or fuse holders:
* **Body:** Transparent glass tube. This allows for visual inspection to see if the internal filament has melted (blown).
* **Endcaps:** Nickel-plated brass construction provides high conductivity and corrosion resistance.
* **Filament:** A specially wound wire designed to withstand short-term "inrush" currents without breaking, but melting if a sustained overload occurs.
---
### 3. Operational Characteristics
As a **Time-Delay (Slow-Blow)** fuse, its behavior differs significantly from Fast-Acting fuses:
1. **Inrush Tolerance:** It is ideal for circuits containing motors, transformers, or large capacitors that draw a spike of power when first turned on.
2. **Safety Compliance:** Built to **IEC 60127-2 (Sheet 3)** standards, making it a globally recognized component for power supplies and consumer electronics.
3. **Resistance:** It has a typical DC cold resistance of approximately **0.036 Ohms**.
---
### 4. Common Applications
The S500-2-R is found in various electronic devices where 2A protection is required:
* **Power Supplies:** Primary side protection for AC/DC adapters.
* **LED Drivers:** Protecting the circuitry from grid fluctuations.
* **Audio/Video Equipment:** Used in amplifiers and receivers.
* **Home Appliances:** Control boards for microwaves or small kitchen tools.
---
### 5. Identification Code Breakdown
If you are looking at the fuse markings, here is how to read them:
`S500` (Series) + `2` (Current Rating) + `-R` (RoHS Lead-Free Version).
- ⤷
What is the difference between the S500-2-R and a fast-acting S501 series fuse?
- ⤷ How do I test if an S500-2-R fuse is blown using a multimeter?
- ⤷ What are the mounting options available for a 5x20mm glass fuse?