S4-4E6-R
AI

The **S4-4E6-R** is a high-performance cable manufactured by **Canare**. It is specifically an AT-type "Star Quad" microphone cable designed for professional audio applications where electromagnetic interference (EMI) and radio frequency interference (RFI) rejection are critical.
---
### 1. Technical Specifications
The following table outlines the physical and electrical characteristics of the S4-4E6-R:
| Feature | Specification |
| :--- | :--- |
| **Number of Conductors** | 4 (Star Quad configuration) |
| **Outer Diameter** | 4.8 mm |
| **Conductor Size** | 24 AWG |
| **Shield Type** | High-density Tinned Copper Braid |
| **Jacket Material** | Flexible PVC (Matte Finish) |
| **Color** | Red (indicated by the "-R" suffix) |
| **Resistance** | Approx. 9.8 $\Omega$ / 100m |
---
### 2. Internal Components & Construction
The "S4" series is unique due to its slim profile while maintaining the "Star Quad" architecture.
#### A. Star Quad Arrangement
Instead of two conductors (as found in standard balanced cables), the S4-4E6-R uses four conductors.
* **Wiring Logic:** Two conductors are used for the "Hot" signal and two for the "Cold" signal, wired in opposite pairs.
* **Result:** This cancels out induced noise from SCR dimmers, fluorescent lighting, and power cables much more effectively than standard twisted-pair cables.
#### B. The Conductors
* **Material:** High-conductivity annealed copper.
* **Insulation:** Cross-linked Polyethylene (XLPE). This material resists melting during soldering and provides low capacitance for better high-frequency response.
#### C. Shielding and Filling
* **Braid Shield:** Uses a tinned copper braid with a high density (usually over 94%). This provides physical strength and excellent protection against RF interference.
* **Cotton Fillers:** Internal cotton fibers are used to maintain the cable’s round shape and prevent "microphonics" (noise caused by the cable moving or rubbing against itself).
---
### 3. Key Applications
Because of its thin diameter (4.8mm) and high noise rejection, the S4-4E6-R is typically used for:
1. **Bantam/TT Patch Cords:** Its thinness makes it ideal for high-density patch bays.
2. **Lavalier/Miniature Mics:** Used in setups where a heavy-duty cable is too bulky.
3. **Rack Internal Wiring:** Wiring inside consoles or equipment racks where space is limited.
---
- ⤷
How does the Star Quad configuration differ from a standard balanced XLR cable in terms of noise floor?
- ⤷ What is the specific soldering technique recommended for the S4-4E6-R conductors?
- ⤷ Can this cable be used for digital AES/EBU signals or is it strictly analog?