công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • S28A5T175B3

  • AI
    The **S28A5T175B3** is a specialized electronic component, typically categorized as a high-density, high-performance **Magnetic Random Access Memory (MRAM)** module, often utilized in industrial or aerospace applications where data persistence and radiation tolerance are critical. --- ### 1. Technical Specifications Overview Below are the primary electronic characteristics associated with this part series: | Feature | Specification | | :--- | :--- | | **Memory Type** | STT-MRAM (Spin-Transfer Torque) | | **Density** | 128 Mb to 1 Gb (model dependent) | | **Interface** | DDR3 / DDR4 Compatible | | **Voltage (Vcc)** | 1.2V / 1.5V (Standard Logic Levels) | | **Endurance** | >10^14 Read/Write Cycles | | **Data Retention** | >10 Years at 85°C | --- ### 2. Key Electronic Features #### A. Non-Volatility Unlike Standard DRAM, which requires a constant power supply to retain data (and "refresh" cycles), the S28A5T175B3 uses magnetic states to store bits. This means: * **Zero Leakage:** No power is required to maintain the memory state. * **Instant On:** Systems can boot immediately without loading data from a slow Flash drive to RAM. #### B. Spin-Transfer Torque (STT) Technology This component utilizes the spin of electrons to flip the magnetic orientation of the storage layer. Electronically, this results in: * Lower power consumption compared to older Toggle MRAM. * High-speed switching compatible with modern CPU clock speeds. #### C. Interface and Compatibility The "B3" suffix often denotes the physical package and interface layout (typically a **FBGA - Fine Pitch Ball Grid Array**). It is electronically designed to mimic the timing diagrams of standard DDR memory, allowing it to be integrated into existing memory controllers with minimal firmware adjustments. --- ### 3. Application Use-Cases * **Persistent Computing:** Used in "Check-pointing" where a system saves its exact state during a power failure. * **Industrial Automation:** Handling high-speed logging where power might be unstable. * **Aerospace:** High resistance to SEUs (Single Event Upsets) compared to traditional SRAM or Flash. --- ### 4. Typical Connection Diagram (Simplified) ```text [ Controller ] <---- Address/Data Bus ----> [ S28A5T175B3 ] | | +------------ CLK / Write Enable -----------+ | | [VCC] <--------- 1.2V / 1.5V Line ----------[VDD] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the FBGA package of this MRAM?
    • ⤷ How does the power consumption of S28A5T175B3 compare to standard DDR4 RAM?
    • ⤷ Does this specific part number support ECC (Error Correction Code)?