công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • S16-R

  • AI
    The **S16-R** is typically recognized as a high-performance **GPS/GNSS module** or a specific **Industrial Ethernet Switch** component, depending on the manufacturer. Most commonly, it refers to the **Skytraq S16-R** series, which is a small-form-factor GNSS receiver used in timing and positioning. --- ## 1. Core Electronic Components The S16-R module consists of several critical integrated circuits (ICs) and passive components that allow it to function as a receiver: | Component Type | Function | | :--- | :--- | | **Baseband Processor** | The "brain" that processes satellite signals and calculates coordinates. | | **RF Front-End** | Amplifies and filters the weak signals received from the antenna. | | **TCXO** | A Temperature Compensated Crystal Oscillator that provides a stable clock frequency. | | **LNA** | Low Noise Amplifier to improve signal-to-noise ratio. | | **Flash Memory** | Stores firmware and configuration settings. | | **Voltage Regulator** | Manages power distribution (usually operates at 3.3V). | --- ## 2. Technical Specifications Below are the typical electronic characteristics for the S16-R GNSS module: ### Electrical Characteristics * **Operating Voltage:** 3.0V to 3.6V DC. * **Power Consumption:** ~25mA to 35mA during active tracking. * **Interface:** UART (Serial) or I2C for communication with a microcontroller (like Arduino or ESP32). * **Update Rate:** Typically 1Hz to 10Hz (depending on configuration). ### Pin Configuration (Example) Most S16-R modules use a 12-pin or 20-pin SMT (Surface Mount Technology) layout: 1. **VCC:** Main power input. 2. **GND:** Ground. 3. **TX:** Transmit data (NMEA sentences). 4. **RX:** Receive configuration commands. 5. **PPS:** Pulse Per Second (high-precision timing signal). 6. **RESET:** Reboots the module. --- ## 3. Communication Logic The module communicates using the **NMEA-0183** protocol. Below is an example of the raw data (electronic signal) sent via the TX pin: ```text $GPRMC,123519,A,4807.038,N,01131.000,E,022.4,084.4,230394,003.1,W*6A ``` --- ## 4. Hardware Integration Tips When integrating the S16-R into a circuit board, consider the following: * **Antenna Matching:** Use a 50-ohm trace for the RF input to prevent signal loss. * **Decoupling Capacitors:** Place a 0.1µF and 10µF capacitor near the VCC pin to filter out electrical noise. * **Backup Power:** Connect a small coin cell battery to the `VBAT` pin to keep the internal clock running for faster signal acquisition (Hot Start).
    ✨ Follow-up Questions
    • ⤷ How do I connect the S16-R to an Arduino or Raspberry Pi?
    • ⤷ What is the difference between a Cold Start and a Hot Start for this module?
    • ⤷ Does the S16-R support GLONASS and Galileo satellites?