AI

The **S-A46-R** is a specific electronic component, most commonly associated with **Reed Switches** or specialized **Magnetic Sensors** (often manufactured by companies like Standex Electronics or OKI).
Below is a detailed breakdown of its electronic characteristics, construction, and typical use cases.
---
### 1. General Specifications
The S-A46-R is typically a miniature, high-reliability reed switch or sensor. Its "R" suffix often indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Reed Switch / Magnetic Proximity Sensor |
| **Contact Form** | Form A (Normally Open - SPST) |
| **Contact Material** | Rhodium or Ruthenium (for high wear resistance) |
| **Switching Voltage** | Usually up to 200V - 250V DC/AC |
| **Switching Current** | Typically 0.5A to 1.0A |
| **Glass Length** | Approx. 14mm - 16mm (Standard Miniature size) |
---
### 2. Internal Construction
The device consists of two ferromagnetic blades (reeds) hermetically sealed within a glass envelope.
* **Hermetic Seal:** The glass tube is filled with an inert gas (like Nitrogen) to prevent oxidation of the contacts, ensuring a long lifecycle (often millions of cycles).
* **Plating:** The contact areas are plated with precious metals to maintain low contact resistance over time.
* **Actuation:** The switch is "Passive." It does not require power to remain in its default state; it only reacts to the presence of a magnetic field (from a permanent magnet or an electromagnet).
---
### 3. Electrical Characteristics
To integrate this part into a circuit, the following parameters are critical:
1. **Pull-In Range (AT):** Measured in Ampere-Turns. This defines the magnetic field strength required to close the contacts.
2. **Contact Resistance:** Typically very low (<150 mΩ) to ensure signal integrity.
3. **Insulation Resistance:** Usually very high (>10¹⁰ Ω), preventing leakage when the switch is open.
4. **Operating Time:** Extremely fast response, usually in the range of 0.5ms to 1.0ms.
---
### 4. Common Applications
Due to its reliability and isolation from the environment, the S-A46-R is used in:
* **Security Systems:** Door and window sensors.
* **Industrial Sensing:** Liquid level sensing (inside floats) and limit switching.
* **Automotive:** Brake fluid level sensors or seatbelt buckle detection.
* **Medical Devices:** Non-contact switching in sterile environments.
---
### 5. Simple Circuit Example
When using an S-A46-R with a microcontroller (like an Arduino), a pull-up resistor is required.
```cpp
// Example: Detecting if the S-A46-R is closed
const int reedPin = 2; // Connected to one side of the S-A46-R
void setup() {
pinMode(reedPin, INPUT_PULLUP); // Use internal pull-up
Serial.begin(9600);
}
void loop() {
int state = digitalRead(reedPin);
if (state == LOW) {
Serial.println("Magnet Detected: Switch Closed");
}
delay(100);
}
```
- ⤷
What is the specific Pull-In (AT) range for the S-A46-R?
- ⤷ Can this component be used for switching high-inductive AC loads?
- ⤷ What are the physical dimensions of the S-A46-R glass envelope?