RXM2AB2F7
AI

The **RXM2AB2F7** is a professional-grade miniature relay part of the **Zelio Relay** range manufactured by **Schneider Electric**. It is widely used in industrial control systems for switching electrical loads.
---
## 1. Technical Specifications
The part number itself defines the core characteristics of the device. Below is a breakdown of its technical profile:
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Miniature Plug-in Relay |
| **Coil Voltage** | 120 V AC |
| **Contact Configuration** | 2 C/O (DPDT - Double Pole Double Throw) |
| **Rated Current ($I_n$)** | 12 A |
| **Control Type** | Lockable test button |
| **Status LED** | Included (indicates coil energization) |
| **Pin Shape** | Flat (Faston type) |
---
## 2. Key Components and Features
The RXM2AB2F7 consists of several critical electronic and mechanical sub-parts:
### A. The Coil (Electromagnet)
* **Operating Voltage:** 120V AC, 50/60 Hz.
* **Function:** When energized, it creates a magnetic field that moves the armature to switch the contacts.
* **Power Consumption:** Typically around 1.2 VA.
### B. The Contact System
* **Material:** Silver Alloy (AgNi). This provides a balance between conductivity and resistance to "pitting" or welding under load.
* **Capacity:** It can handle up to 12A at 250V AC or 28V DC (Resistive load).
### C. Human-Machine Interface (HMI)
* **Mechanical Indicator:** A small orange flag that shows if the relay is mechanically engaged.
* **LED Indicator:** A green LED that confirms electrical power is reaching the coil.
* **Test Button:** A turquoise button that allows manual forced activation of the contacts for troubleshooting.
---
## 3. Wiring and Pin Layout
The relay uses a standard pinout designed to fit into an **RXZE** series socket (e.g., RXZE2M114).
| Pin Numbers | Function |
| :--- | :--- |
| **13 - 14** | Coil Terminals (A1 - A2) |
| **9 - 12** | Common (C) |
| **1 - 4** | Normally Closed (NC) |
| **5 - 8** | Normally Open (NO) |
---
## 4. Applications
Because of its compact size and high switching capacity, it is commonly used for:
* **PLC Output Buffering:** Protecting PLC outputs from high-current loads.
* **Isolation:** Separating control circuits from power circuits.
* **Logic Interlocking:** Simple hard-wired logic in motor control centers.
- ⤷
What is the difference between the RXM2AB2F7 and the RXM4AB2F7?
- ⤷ Which mounting sockets are compatible with this specific relay?
- ⤷ How do you test the contacts of this relay using the integrated test button?