RWS600B-24-R
AI

The **TDK-Lambda RWS600B-24-R** is a high-reliability, industrial-grade AC-DC single-output power supply. It is part of the RWS-B series, designed for long life and high performance in harsh environments.
---
### 1. Key Technical Specifications
Below are the primary electronic characteristics of the unit:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 85 - 265 VAC (47-63Hz) or 120 - 370 VDC |
| **Output Voltage** | 24 VDC |
| **Output Current** | 25 A |
| **Max Power Rating** | 600 W |
| **Efficiency (typ)** | 88% (at 200VAC) |
| **Cooling** | Internal Fan Cooling |
---
### 2. Breakdown of Electronic Parts & Features
#### A. Input Section (Front-End)
* **Universal Input:** Equipped with a wide-range input circuit that handles global voltages without a physical switch.
* **Active PFC:** Includes active **Power Factor Correction** (typically >0.95), reducing harmonic distortion and ensuring compliance with IEC61000-3-2.
* **Protection:** Features an internal fuse and surge protection to shield the device from grid fluctuations.
#### B. Output & Control Section
* **Voltage Adjustment:** Contains a built-in potentiometer (trimmer) allowing the user to adjust the 24V output (typically ±10%).
* **"R" Option (Remote ON/OFF):** The "R" suffix specifically indicates the inclusion of a **Remote On/Off control circuit**. This allows an external signal to toggle the power supply without cutting the AC mains.
* **Overcurrent Protection (OCP):** Constant current limiting with automatic recovery.
* **Overvoltage Protection (OVP):** Shuts down the unit if the output exceeds a safe threshold (approx. 115-140%).
#### C. Thermal Management
* **Internal Fan:** The 600W model generates significant heat; it uses an integrated DC fan.
* **Thermal Shutdown:** Includes an internal thermistor to shut down the unit if the internal temperature exceeds safe operating limits.
---
### 3. Connection Pinout (Summary)
The unit uses screw terminals for high-current connections and a smaller connector for signals.
| Terminal | Function |
| :--- | :--- |
| **L, N** | AC Input (Line and Neutral) |
| **FG** | Frame Ground (Earth) |
| **-V, +V** | DC Output Terminals |
| **-S, +S** | Remote Sensing (to compensate for wire voltage drop) |
| **CNT+, CNT-** | Remote ON/OFF Control (Specific to the -R model) |
---
### 4. Typical Applications
* **Industrial Automation:** Powering PLCs, sensors, and motors.
* **Test and Measurement:** Benchtop equipment requiring stable DC power.
* **Communications:** Infrastructure equipment requiring high MTBF (Mean Time Between Failures).
- ⤷
How do I wire the Remote ON/OFF circuit for this specific model?
- ⤷ What is the difference between the RWS600B-24 and the RWS600B-24/R?
- ⤷ Can this power supply be connected in parallel for higher current?