RWS300B-36/CO2
AI

The **RWS300B-36/CO2** is a high-reliability, single-output AC-DC switching power supply manufactured by TDK-Lambda. This specific model belongs to the RWS-B series, which is designed for industrial applications requiring long-term stability.
---
### 1. Key Technical Specifications
The following table highlights the primary electronic characteristics of the unit:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 85 - 265 VAC (Universal Input) |
| **Output Voltage** | 36 VDC |
| **Output Current** | 8.4 A |
| **Output Power** | 302.4 W |
| **Efficiency** | ~88% (at 200VAC input) |
| **Cooling** | Built-in Internal Fan |
| **Form Factor** | Enclosed / Chassis Mount |
---
### 2. Breakdown of Internal Electronic Components
The RWS300B architecture relies on several critical stages to convert and regulate power:
* **Input Filter Stage (EMI/EMC):** Contains X and Y capacitors and common-mode chokes to suppress electromagnetic interference and protect the unit from line surges.
* **PFC Circuit (Power Factor Correction):** An active PFC circuit ensures high power factor (typically >0.95), reducing harmonic distortion and improving energy efficiency.
* **Switching Topology:** Uses high-speed MOSFETs to convert DC voltage into high-frequency AC for the transformer.
* **Isolation Transformer:** Provides galvanic isolation between the high-voltage AC input and the low-voltage DC output.
* **Output Rectification & Filtering:** High-grade electrolytic capacitors (rated for 105°C) and Schottky diodes smooth the high-frequency pulses into a stable 36V DC signal.
---
### 3. Understanding the "/CO2" Suffix
In TDK-Lambda nomenclature, the suffixes indicate specific modifications to the base model:
1. **CO2 (Coating):** This indicates that the internal Printed Circuit Boards (PCBs) are treated with a **Conformal Coating**. This chemical film protects the electronic components from moisture, dust, and environmental contaminants, making it suitable for harsh industrial environments.
2. **RWS-B Series Focus:** The "B" series is optimized for low-cost, high-reliability performance with a focus on reducing the number of components to improve MTBF (Mean Time Between Failures).
---
### 4. Protection Features
The unit includes integrated circuitry to prevent damage to the connected load:
* **Overcurrent Protection (OCP):** Shuts down or limits current if the load exceeds 105% of rated capacity.
* **Overvoltage Protection (OVP):** Protects sensitive electronics if the output voltage spikes above ~41V.
* **Thermal Protection:** Sensors monitor internal temperatures and will shut the unit down if the cooling fan fails or the ambient temperature exceeds safety limits.
- ⤷
What is the operating temperature range for the RWS300B series?
- ⤷ Can the 36V output be adjusted to a different voltage?
- ⤷ What are the specific benefits of conformal coating in high-humidity environments?