công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RW3P-R015-KB

  • AI
    ## Technical Overview: RW3P-R015-KB The **RW3P-R015-KB** is a high-precision, power-rated wirewound resistor manufactured by **RCD Components**. It belongs to the **RW Series**, which is designed for applications requiring stability, low resistance values, and high power dissipation in a compact package. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the specific electrical characteristics: | Code | Component | Description | | :--- | :--- | :--- | | **RW3P** | Series/Package | 3-Watt Power Wirewound Resistor (Surface Mount/Plug-in) | | **R015** | Resistance | 0.015 Ohms (15 mΩ) | | **K** | Tolerance | ±10% | | **B** | Packaging | Bulk Packaging (Standard) | --- ### 2. Core Specifications This component is specialized for **current sensing** and **power management**. * **Resistance Value:** 0.015 $\Omega$ (very low resistance). * **Power Rating:** 3 Watts at 25°C (Derates as temperature increases). * **Tolerance:** ±10% (Indicated by 'K'). * **Construction:** Wirewound. A resistive wire (usually a nickel-chromium alloy) is wound around a ceramic or fiberglass core and coated with a protective layer (often silicone or epoxy). --- ### 3. Key Electronic Features * **Low Inductance:** Despite being wirewound, the "P" designation often implies a design optimized for lower inductance compared to traditional axial wirewounds, making it more suitable for switching power supplies. * **High Thermal Stability:** Wirewound resistors are known for their ability to handle significant heat without permanent resistance shifts. * **Surge Capability:** Because the resistive element is a solid wire rather than a thin film, it can withstand much higher momentary surge currents and pulses. * **Current Sensing:** Due to its 15mΩ value, it is primarily used to measure current by monitoring the voltage drop across it ($V = I \times R$). --- ### 4. Common Applications Due to its 3W power rating and low resistance, the RW3P-R015-KB is typically found in: 1. **DC-DC Converters:** To monitor and regulate output current. 2. **Battery Management Systems (BMS):** Measuring charge/discharge cycles. 3. **Motor Control:** Detecting overcurrent conditions in industrial drives. 4. **Power Supplies:** Serving as a feedback element for voltage regulation. --- ### 5. Technical Precautions * **Heat Dissipation:** At full 3W load, this part will get very hot. Ensure adequate PCB copper traces or airflow. * **Kelvin Connection:** When using a 0.015 $\Omega$ resistor for sensing, it is recommended to use a 4-terminal (Kelvin) layout to avoid measuring the resistance of the solder joints and PCB traces.
    ✨ Follow-up Questions
    • ⤷ What is the temperature coefficient (TCR) for the RCD RW series?
    • ⤷ Are there versions of this resistor with tighter tolerances
    • ⤷ such as 1% or 0.5%?
    • ⤷ What are the physical dimensions or footprint for the RW3P package?