RVZ-10V331MGA5Y1U-R2
AI

The part number **RVZ-10V331MGA5Y1U-R2** refers to a high-performance **Aluminum Electrolytic Capacitor** manufactured by **Lelon Electronics**. This specific model belongs to the **RVZ Series**, which is known for its low impedance and surface mount (SMD) design.
---
## 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 330 µF |
| **Voltage Rating** | 10 V DC |
| **Tolerance** | ±20% (at 120Hz, 20°C) |
| **Series** | RVZ (Low Impedance) |
| **Operating Temperature** | -55°C to +105°C |
| **Endurance (Life)** | 2,000 Hours at 105°C |
| **Case Size (D x L)** | 8mm x 10.5mm |
| **Mounting Type** | Surface Mount Device (SMD/V-Chip) |
| **Termination** | RoHS Compliant (Lead-Free) |
---
## 2. Part Number Breakdown
The alphanumeric string follows Lelon’s standard coding system:
* **RVZ**: Series Name (Low Impedance, 105°C, V-Chip type).
* **10V**: Rated Working Voltage (10 Volts).
* **331**: Capacitance Code. The first two digits are significant figures; the third is the multiplier (33 x 10^1 = 330µF).
* **M**: Capacitance Tolerance (M = ±20%).
* **GA5**: Case Size Code (8.0mm diameter x 10.5mm height).
* **Y1U**: Internal processing/packaging specific code.
* **R2**: Taping and Reel specification.
---
## 3. Key Features and Applications
### Features
* **Low Impedance:** Designed to minimize power loss and heat generation in high-frequency circuits.
* **SMD Design:** The "V-Chip" vertical construction allows for automated pick-and-place assembly on PCBs.
* **High Stability:** Maintains performance across a wide temperature range (-55°C to +105°C).
### Common Applications
1. **Switching Power Supplies:** Used for filtering and smoothing output voltage.
2. **DC-DC Converters:** Ideal for point-of-load regulation in computing and industrial electronics.
3. **Consumer Electronics:** Found in motherboards, digital displays, and communication equipment where space is limited.
4. **Automotive Infotainment:** Suitable for non-safety critical electronic modules requiring compact components.
---
- ⤷
What are the alternative capacitors with similar specifications from other brands?
- ⤷ How does the 'Low Impedance' rating affect the ripple current capability of this part?
- ⤷ What is the shelf life of this capacitor if stored in its original reel packaging?