RVT-80V330MH10U-R2
AI

The **RVT-80V330MH10U-R2** is a surface-mount (SMD) Aluminum Electrolytic Capacitor. It is designed for high-density surface mounting on printed circuit boards (PCBs) and belongs to a category of components used for energy storage, filtering, and decoupling in electronic circuits.
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics of this specific component:
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 33 µF (Microfarads) |
| **Voltage Rating** | 80V DC |
| **Tolerance** | ±20% |
| **Operating Temperature** | -55°C to +105°C |
| **Mounting Type** | Surface Mount (SMD / V-Chip) |
| **Endurance (Lifetime)** | 2,000 hours at 105°C |
| **Case Size (Diameter)** | Φ 8mm x 10mm (Height) |
---
## 2. Part Number Breakdown (Decoded)
While part numbering schemes vary slightly by manufacturer (often Lelon or similar brands), the code generally follows this logic:
* **RVT**: Series designation (usually indicates standard 105°C vertical chip type).
* **80V**: Maximum working voltage (80 Volts).
* **330**: Capacitance code. The "33" represents the digits and "0" represents the multiplier ($33 \times 10^0 = 33\mu F$).
* **MH10**: Refers to the physical dimensions (Case size 8x10mm).
* **U-R2**: Packaging and compliance code (often denotes RoHS compliance and Tape & Reel packaging).
---
## 3. Key Features & Applications
### Key Features
* **High Temperature Stability**: Rated for 105°C, making it suitable for automotive or industrial environments.
* **Reflow Solder Compatible**: Designed to withstand the high temperatures of automated SMD soldering processes.
* **Polarized**: Like most aluminum electrolytic capacitors, this part has a positive and negative terminal and must be installed in the correct orientation.
### Common Applications
* **Power Supplies**: Used for smoothing ripple voltage in DC-DC converters.
* **Industrial Automation**: Filtering noise in control circuits.
* **Automotive Electronics**: Handling power regulation for infotainment or lighting modules.
* **Telecommunications**: Voltage stabilization in networking hardware.
---
## 4. Handling and Soldering
When using this part in a design, consider the following:
* **Polarity**: Ensure the "marked" side (usually a black or colored bar on the top of the cylinder) aligns with the negative pad on the PCB.
* **Reflow Profile**: Follow the manufacturer's specific thermal profile to avoid damaging the internal electrolyte during soldering.
- ⤷
What are the equivalent alternative part numbers for the RVT-80V330MH10U-R2?
- ⤷ How does the ESR (Equivalent Series Resistance) affect the performance of this capacitor?
- ⤷ Can this capacitor be used in AC voltage applications?