công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RVT-25V331MH10UQ-R2

  • AI
    The **RVT-25V331MH10UQ-R2** is a specific surface-mount (SMD) aluminum electrolytic capacitor. This component is part of a standard series commonly used for power management and signal filtering in electronic circuits. --- ### 1. Technical Specifications The part number can be broken down into specific technical parameters: | Parameter | Specification | | :--- | :--- | | **Capacitance** | 330 µF (Microfarads) | | **Voltage Rating** | 25V DC | | **Series** | RVT (General Purpose, +105°C) | | **Mounting Type** | SMD (Surface Mount Device) | | **Case Size** | $8 \times 10$ mm (Diameter $\times$ Height) | | **Tolerance** | ±20% | | **Operating Temp** | -55°C to +105°C | | **Lifetime** | 2,000 hours at 105°C | --- ### 2. Part Number Decomposition Manufacturers use a standardized coding system for these parts. Here is the typical breakdown for this code: * **RVT**: The series name (Standard, 105°C, vertical chip type). * **25V**: The maximum working voltage (25 Volts). * **331**: The capacitance code. The first two digits are significant figures, and the third is the multiplier ($33 \times 10^1 = 330$ µF). * **M**: The tolerance code ($M = \pm 20\%$). * **H10**: Refers to the physical dimensions ($8 \times 10$ mm). * **UQ-R2**: Package/Taping code (usually denotes RoHS compliance and "Tape and Reel" packaging for automated assembly). --- ### 3. Key Features and Applications The RVT series is a "Workhorse" component in the electronics industry due to its balance of cost and performance. #### **Main Features** * **Polarized:** Must be installed with the correct polarity (indicated by a black stripe on the top of the can). * **Reflow Solderable:** Designed to withstand the high temperatures of automated SMD soldering ovens. * **Standard ESR:** Provides decent impedance characteristics for general-purpose applications. #### **Common Uses** 1. **Filtering:** Smoothing out ripples in DC power supplies (e.g., 12V or 19V rails). 2. **Decoupling:** Providing a local energy reservoir for integrated circuits to prevent voltage drops. 3. **Bypassing:** Shunting high-frequency noise to the ground in consumer electronics like LED drivers or routers. --- ### 4. Precautions for Use * **Polarity:** Reversing the voltage will cause the internal electrolyte to boil, potentially leading to the "venting" (explosion) of the component. * **Voltage Derating:** For maximum longevity, it is recommended to run the capacitor at 70-80% of its rated voltage (e.g., using a 25V capacitor on a 15V-18V rail). * **Temperature:** While rated for 105°C, operating at lower temperatures significantly extends the component's life (Arrhenius Law).
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternatives for this capacitor from other brands like Nichicon or Panasonic?
    • ⤷ How does the 'L' or 'ESR' value of the RVT series compare to low-ESR series like RXV?
    • ⤷ What is the specific footprint (land pattern) required for an 8x10mm SMD capacitor?