RVT-10V221MF80U-R2
AI

The **RVT-10V221MF80U-R2** is a specific part number for a Surface Mount (SMD) Aluminum Electrolytic Capacitor, typically manufactured by companies like **Elna** or similar high-quality passive component producers.
Below is the detailed breakdown of its specifications and characteristics.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Aluminum Electrolytic Capacitor |
| **Mounting Type** | Surface Mount Device (SMD/V-Chip) |
| **Capacitance** | 220 µF (Microfarads) |
| **Voltage Rating** | 10V DC |
| **Tolerance** | ±20% |
| **Temperature Range** | -55°C to +105°C |
| **Endurance** | 2,000 hours at 105°C |
| **Size Code (Dimensions)** | 6.3mm (Diameter) x 7.7mm (Height) |
---
### 2. Part Number Decoder (Typical)
While manufacturers vary slightly, the code breaks down as follows:
* **RVT**: Series name (Vertical Chip, high temperature/standard reliability).
* **10V**: Rated working voltage (10 Volts).
* **221**: Capacitance code. The first two digits (22) are the value, and the third (1) is the multiplier. $22 \times 10^1 = 220$ µF.
* **M**: Tolerance code ($M = \pm 20\%$).
* **F80**: Internal casing size/dimensions code.
* **U-R2**: Packaging code (usually signifies Tape & Reel for automated assembly).
---
### 3. Key Features and Applications
#### Features
* **Reflow Soldering Compatible:** Designed for automated SMT (Surface Mount Technology) assembly lines.
* **Wide Temperature Range:** Rated up to 105°C, making it suitable for automotive and industrial environments.
* **Low Profile:** The "V-Chip" design allows for a small vertical footprint on the PCB.
#### Common Applications
* **Power Filtering:** Removing noise from low-voltage power rails (e.g., 5V or 3.3V lines).
* **Decoupling:** Providing a local energy reservoir for integrated circuits.
* **Consumer Electronics:** Used in laptops, displays, and communication equipment where space is limited.
---
### 4. Implementation Code Example (PCB footprint)
When designing a PCB for this part, the landing pattern typically follows the standard 6.3mm chip capacitor footprint.
```markdown
# Footprint Dimensions (Approximate)
- Pad Width: 1.6mm
- Pad Length: 3.0mm
- Distance between Pads: 1.9mm
- Total Footprint: 6.6mm x 6.6mm
```
---
- ⤷What are the equivalent alternative part numbers for this capacitor?
- ⤷ Can I use a 16V 220uF capacitor as a replacement for this 10V model?
- ⤷ What is the Ripple Current rating for the RVT series?