RVG-16V331MH10UN-R2
AI

The part number **RVG-16V331MH10UN-R2** refers to a high-performance **Aluminum Electrolytic Capacitor** designed for Surface Mount Technology (SMT). It is commonly manufactured by companies like Elna or Rubycon (following standard industry naming conventions).
---
## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 330 µF (Microfarads) |
| **Voltage Rating** | 16 V (Volts DC) |
| **Tolerance** | ±20% |
| **Mounting Type** | Surface Mount (SMD/SMT) - V-Chip Type |
| **Size Code** | H10 (typically 8mm diameter x 10mm height) |
| **Series** | RVG (High reliability, wide temperature range) |
| **Operating Temperature** | -40°C to +105°C |
---
## Part Number Breakdown
Understanding the alphanumeric code helps in identifying the specific physical and electrical properties:
1. **RVG**: The product series. This series is known for being **low impedance** and suitable for high-density surface mounting.
2. **16V**: The maximum working voltage. Operating above this can cause dielectric breakdown.
3. **331**: The capacitance code. The first two digits (33) are significant figures, and the third (1) is the multiplier ($10^1$). Result: $330 \mu F$.
4. **M**: The tolerance code ($M = \pm20\%$).
5. **H10**: Dimensions code. Usually refers to a case size of $8.0 \text{mm} \times 10.0 \text{mm}$.
6. **UN-R2**: Packaging and Lead-free/RoHS compliance markers (typically Tape & Reel).
---
## Key Features & Applications
### Features
* **Low ESR (Equivalent Series Resistance):** Minimizes heat generation and power loss during high-frequency operation.
* **Reflow Soldering Compatible:** Designed to withstand the high temperatures of automated SMT production lines.
* **AEC-Q200 Qualified (Optional):** Many parts in the RVG series are automotive-grade, making them vibration-resistant.
### Common Applications
* **Power Supply Filtering:** Smoothing ripple voltage in DC-DC converters.
* **Automotive Electronics:** Used in Engine Control Units (ECUs) and infotainment systems.
* **Consumer Electronics:** Found on motherboards and high-end audio-visual equipment where space is limited.
---
- ⤷
What are the direct equivalents for this capacitor from other manufacturers?
- ⤷ How does the ESR of the RVG series compare to standard electrolytic capacitors?
- ⤷ What is the expected load life (hours) for this component at 105°C?