công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RVC-6V331MG10UQ-R2

  • AI
    The **RVC-6V331MG10UQ-R2** is a surface-mount (SMD) aluminum electrolytic capacitor manufactured by **Elna**. This specific part belongs to the **RVC series**, which is characterized by its "Vertical Chip" (V-Chip) design and high-temperature reliability. --- ### 1. Technical Specifications Breakdown The part number follows a specific nomenclature that describes its electrical and physical properties: | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | RVC | Standard low profile / Vertical chip type | | **Voltage (Rated)** | 6.3V | Maximum continuous DC voltage | | **Capacitance** | 330 µF | Rated storage capacity (Code: 331) | | **Tolerance** | ±20% | Standard capacitance tolerance (Code: M) | | **Case Size** | G10 | Diameter 8mm x Height 10mm (approx.) | | **Packaging** | R2 | Tape and Reel (for automated assembly) | | **Temperature** | -40°C to +105°C | Operating temperature range | --- ### 2. Physical and Material Characteristics * **Form Factor:** It is a **V-Chip** type, meaning it is designed to sit vertically on a PCB. The base is usually made of a plastic platform to stabilize the component during the reflow soldering process. * **Dielectric:** Aluminum Oxide, utilizing a liquid electrolyte. * **Termination:** Lead-free (RoHS compliant) plating, suitable for surface mount technology (SMT). --- ### 3. Key Applications This specific capacitor is typically used for general-purpose electronic decoupling and filtering. Common use cases include: 1. **Power Supply Filtering:** Smoothing out ripples in low-voltage DC-DC converters. 2. **Bypassing:** Providing a local energy reservoir for integrated circuits (ICs) to prevent voltage drops. 3. **Consumer Electronics:** Found in motherboards, digital cameras, and audio-visual equipment where space is limited but high capacitance is required. --- ### 4. Comparison with Similar Series | Series | Focus | RVC-6V331MG10UQ-R2 Context | | :--- | :--- | :--- | | **RV** | Standard | The RVC is an evolution with specific height/size optimizations. | | **RV2** | Long Life | RVC provides standard life (usually 2,000 hours at 105°C). | | **RVK** | Low Impedance | RVC is general-purpose; RVK would be better for high-frequency noise. | ---
    ✨ Follow-up Questions
    • ⤷ What is the ripple current rating for this specific capacitor?
    • ⤷ Can this part be used in automotive applications (AEC-Q200)?
    • ⤷ What are the recommended reflow soldering profiles for Elna V-Chip capacitors?