công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RVC-6V101MF61U-R2

  • AI
    The **RVC-6V101MF61U-R2** is a surface-mount (SMD) Aluminum Electrolytic Capacitor manufactured by **Elna**. It belongs to the **RVC series**, which is characterized by its vertical chip design and suitability for high-density surface mounting. ### 1. Key Technical Specifications The following table outlines the fundamental electrical and physical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Capacitance** | 100 µF | | **Rated Voltage** | 6.3 VDC | | **Tolerance** | ±20% (at 120Hz, 20°C) | | **Series** | RVC (Vertical Chip Type) | | **Operating Temperature** | -40°C to +85°C | | **Case Code (Size)** | F61 (6.3mm Diameter x 5.8mm Length) | | **Leakage Current** | Max 0.01CV or 3µA (whichever is greater) | | **RoHS Status** | Compliant | --- ### 2. Physical & Mechanical Properties * **Package Style:** V-Chip (Vertical Chip). This design allows the capacitor to be soldered directly onto the PCB surface using automated Pick-and-Place machinery. * **Dimensions:** * **Diameter:** 6.3 mm * **Height:** 5.8 mm * **Terminals:** Solder-plated leads designed for reflow soldering. --- ### 3. Application & Usage The RVC-6V101MF61U-R2 is a general-purpose capacitor used primarily in circuits where space is limited and surface mounting is required. Typical applications include: 1. **Decoupling/Bypassing:** Removing high-frequency noise from power supply lines to protect ICs. 2. **Filtering:** Smoothing rectified DC voltage in low-voltage power converters. 3. **Coupling:** Passing AC signals while blocking DC components in audio or signal processing stages. 4. **Consumer Electronics:** Found in laptops, flat-panel displays, and portable peripherals. --- ### 4. Part Number Breakdown The part number follows Elna’s standardized coding system: * **RVC:** Series code (85°C Standard SMD). * **6V:** Rated Voltage (6.3V). * **101:** Capacitance code (10 + one zero = 100µF). * **M:** Tolerance (±20%). * **F61:** Case size dimensions. * **U-R2:** Packaging/Taping code (usually denotes Tape and Reel for automated assembly). ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the RVC and RV2 series from Elna?
    • ⤷ Can this capacitor be used in automotive applications requiring 105°C temperature ratings?
    • ⤷ What is the typical ESR value for a 100µF 6.3V SMD electrolytic capacitor?