công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RVC-50V010MD61UN-R2

  • AI
    The **RVC-50V010MD61UN-R2** is a surface-mount (SMD) aluminum electrolytic capacitor. This specific part number follows the standard naming convention for high-reliability passive components, often used in automotive or industrial power filtering. --- ### 1. Part Number Breakdown The code provides detailed specifications regarding its electrical characteristics and physical dimensions: | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | RVC | High temperature, vertical chip type (often vibration resistant) | | **Voltage** | 50V | Rated working voltage (Maximum 50 Volts DC) | | **Capacitance** | 010 | 1.0 $\mu$F (The first two digits are significant; the third is the multiplier) | | **Tolerance** | M | ±20% tolerance | | **Case Size** | D61 | Indicates the physical dimensions (typically 4mm x 5.8mm) | | **Packaging** | UN-R2 | Tape and Reel packaging specification | --- ### 2. Technical Specifications Based on the standard parameters for the RVC series, here are the electronic characteristics: * **Type:** Aluminum Electrolytic (Polarized). * **Capacitance:** 1.0 Microfarad ($\mu$F). * **Voltage Rating:** 50V DC (Surge voltage is typically 1.15x rated voltage). * **Temperature Range:** Usually rated for **-55°C to +105°C**, making it suitable for harsh environments. * **Life Endurance:** Typically 1,000 to 2,000 hours at maximum rated temperature. * **Leakage Current:** Low, calculated as $I = 0.01CV$ or $3\mu A$ (whichever is greater) after 2 minutes. --- ### 3. Application and Usage This component is primarily used for **General Purpose DC-DC conversion** and **Signal Coupling**. * **Power Decoupling:** Used to smooth out voltage fluctuations in low-power circuits. * **Filtering:** Removes high-frequency noise from power supply lines. * **Automotive Electronics:** Due to the "RVC" designation, these are often designed to withstand the vibration and heat found in engine control units (ECU) or infotainment systems. --- ### 4. Footprint and Mounting As an **SMD (Surface Mount Device)**, it is designed for automated Pick-and-Place assembly. * **Mounting Type:** Vertical Chip (V-Chip). * **Soldering:** Reflow soldering compatible. * **Polarity:** Must be observed during installation (indicated by a black mark on the top of the cylinder).
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives for this capacitor from other brands like Nichicon or Panasonic?
    • ⤷ What is the specific Ripple Current rating for the RVC-50V010MD61UN-R2?
    • ⤷ How does the D61 case code translate to millimeters in width and height?