RTZ-25V102MJHT-R5
AI

The part number **RTZ-25V102MJHT-R5** refers to a high-performance **Aluminum Electrolytic Capacitor**. This specific component is manufactured by **ELNA** (or follows their standard nomenclature), belonging to the **RTZ series**, which is known for its low impedance and high reliability.
---
## 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the specific technical characteristics of the component:
| Code Segment | Meaning | Technical Value |
| :--- | :--- | :--- |
| **RTZ** | Series Name | Low Impedance, High Ripple Current |
| **25V** | Voltage Rating | 25 Volts (DC) |
| **102** | Capacitance Code | 1000 µF (10 followed by 2 zeros) |
| **M** | Tolerance | ±20% |
| **JHT** | Case Size/Type | Specific physical dimensions (approx. 10x12.5mm or 10x16mm) |
| **R5** | Packaging/Lead Style | Lead forming or Taping specification |
---
## 2. Key Technical Specifications
Based on the **RTZ Series** datasheet, here are the primary electrical and physical characteristics:
### Electrical Profile
* **Capacitance:** 1000 µF (Microfarads).
* **Rated Voltage:** 25V DC.
* **Operating Temperature:** -40°C to +105°C (Standard industrial high-temp range).
* **Endurance:** Typically 2,000 to 5,000 hours at 105°C (depending on specific case size).
* **Impedance:** Very low ESR (Equivalent Series Resistance), designed for high-frequency filtering.
### Physical Profile
* **Type:** Radial Lead (Through-hole).
* **Electrolyte:** Liquid electrolyte inside an aluminum can with a safety vent.
---
## 3. Applications and Usage
This part is specifically engineered for power management circuits where stability and heat resistance are critical.
* **Switching Power Supplies (SMPS):** Used for smoothing output voltage and reducing ripple noise.
* **DC-DC Converters:** Acts as an energy reservoir to maintain steady voltage levels.
* **Motherboards & Peripherals:** Used in high-speed digital circuits to filter power rails.
* **LED Drivers:** Provides stability in lighting control circuits.
---
## 4. Design Considerations
When replacing or designing with this part, keep the following in mind:
1. **Polarity:** This is a polarized component. Installing it backwards will lead to catastrophic failure (explosion/venting).
2. **Voltage Derating:** It is best practice to run the capacitor at 80% or less of its rated voltage (e.g., using this 25V cap on a 12V or 16V rail) to extend its lifespan.
3. **Heat:** While rated for 105°C, every 10°C drop in operating temperature approximately doubles the capacitor's life.
- ⤷
What are the exact physical dimensions (Diameter x Height) for the JHT case size?
- ⤷ Are there surface-mount (SMD) equivalents for the RTZ series?
- ⤷ How does the RTZ series compare to the RJH or RSG series in terms of ESR?