công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RTZ-10V332MKHT-R5

  • AI
    The part number **RTZ-10V332MKHT-R5** refers to a high-performance **Aluminum Electrolytic Capacitor**. This specific component is part of the **RTZ series**, which is known for its low impedance and high reliability. Below is a detailed breakdown of its specifications and electronic characteristics. ### Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Capacitance** | 3300 µF | The charge storage capacity of the component. | | **Voltage Rating** | 10 V | Maximum DC voltage the capacitor can withstand. | | **Tolerance** | ±20% (M) | The allowable variance in capacitance. | | **Temperature Range** | -55°C to +105°C | Operating temperature environment. | | **Lifetime (Endurance)** | 2,000 to 5,000 hours | Rated life at maximum operating temperature. | | **Termination** | Radial Lead | Through-hole mounting type. | --- ### Part Number Decoder Understanding the alphanumeric code helps in identifying the physical and electrical constraints: 1. **RTZ**: **Series Name**. Indicates low impedance and high ripple current capabilities, often used in switching power supplies. 2. **10V**: **Rated Voltage**. 10 Volts DC. 3. **332**: **Capacitance Code**. The first two digits (33) are significant figures, and the third (2) is the multiplier ($10^2$). Result: $3300 \mu F$. 4. **M**: **Tolerance**. Standard $\pm20\%$. 5. **KHT**: **Case Size / Packaging Code**. Specific to the manufacturer's internal dimensions (e.g., $10 \times 20$ mm or similar). 6. **R5**: **Lead Styling/Pitch**. Indicates the spacing between the two leads (e.g., 5.0mm pitch). --- ### Key Applications Due to its **Low Impedance** and **High Ripple Current** handling, this part is typically found in: * **Power Supplies:** Filtering high-frequency noise in DC-DC converters. * **Motherboards:** Voltage Regulator Modules (VRM) where stable capacitance is required under load. * **Telecommunications:** Equipment requiring long-term reliability in varying temperatures. * **Consumer Electronics:** Audio/Video equipment power stages. ### Performance Features * **Low ESR (Equivalent Series Resistance):** Minimizes heat generation and energy loss during high-frequency switching. * **Stability:** Designed to maintain capacitance stability over a wide temperature range compared to standard general-purpose capacitors.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions (diameter and height) for the KHT case size?
    • ⤷ Can this capacitor be used in an AC circuit?
    • ⤷ What is the ripple current rating for this specific model?