công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RTZ-10V332MJHTQ-R5

  • AI
    The part number **RTZ-10V332MJHTQ-R5** refers to a high-performance **Aluminum Electrolytic Capacitor**. These components are typically manufactured by brands like **Lelon** or similar Japanese-style component vendors, designed for high-reliability applications. --- ### 1. Component Specifications The alphanumeric code provides specific details regarding its electrical characteristics and physical dimensions: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | RTZ | Low Impedance, High Ripple Current, Long Life series. | | **Voltage** | 10V | Rated working voltage (DC). | | **Capacitance** | 332 (3300µF) | "33" followed by "2" zeros in picofarads/microfarads. | | **Tolerance** | M | ±20% capacitance tolerance. | | **Case Size** | JHT (10x20mm) | Industry standard coding for Diameter x Height. | | **Packaging** | R5 | Bulk or Taped/Reeled (specific to manufacturer lead forming). | --- ### 2. Key Features This specific series is designed for demanding environments, often found in power supply circuits. * **Low ESR (Equivalent Series Resistance):** Optimized to reduce energy loss and heat generation during operation. * **High Ripple Current:** Capable of handling significant AC current superimposed on the DC voltage, which is critical for smoothing power. * **Long Life:** Typically rated for **2,000 to 5,000 hours** at their maximum operating temperature (usually 105°C). * **Temperature Range:** Standard operating range is usually **-55°C to +105°C**. --- ### 3. Typical Applications Due to its high capacitance (3300µF) and low voltage (10V), this part is commonly used in: 1. **Motherboards and PC Peripherals:** Filtering low-voltage rails (5V or 3.3V lines). 2. **Switching Power Supplies (SMPS):** Used in the output stage to minimize voltage ripple. 3. **DC-DC Converters:** Providing energy storage and stability for high-current loads. 4. **Audio Equipment:** Power decoupling to ensure clean DC signals. --- ### 4. Technical Precautions * **Polarity:** This is a polarized component. Reversing the positive and negative terminals will lead to catastrophic failure (venting or explosion). * **Voltage Derating:** For maximum longevity, it is recommended to run the capacitor at 70-80% of its rated voltage (e.g., using this 10V cap on a 5V or 7.5V rail).
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the JHT case size code?
    • ⤷ How does 'Low ESR' improve the efficiency of a power supply?
    • ⤷ Can this capacitor be used in automotive applications?