RTZ-10V331MGA5SUQ-R2
AI

Based on the part number **RTZ-10V331MGA5SUQ-R2**, this component is an **Aluminum Electrolytic Capacitor**, specifically an SMD (Surface Mount Device) type known for its low impedance and high reliability. These are commonly manufactured by brands like **Samyoung** or **CapXon** (specifically the RTZ series).
---
### 1. Part Number Breakdown
The alphanumeric string provides specific details about the component's electrical and physical properties:
| Segment | Definition | Value/Description |
| :--- | :--- | :--- |
| **RTZ** | Series Name | Low Impedance, High Reliability, 105°C |
| **10V** | Voltage Rating | 10 Volts (DC) |
| **331** | Capacitance Code | 330 µF (33 x 10^1) |
| **M** | Tolerance | ±20% |
| **G** | Case Size Code | Typically 8mm Diameter |
| **A5** | Height Code | Typically 10mm or 10.5mm Height |
| **SUQ** | Internal Code | Specialized electrolyte or terminal style |
| **R2** | Packaging | Tape & Reel (Taping) |
---
### 2. Technical Specifications
The **RTZ Series** is designed for high-density surface mounting. Below are the typical performance characteristics:
* **Capacitance:** 330 Microfarads (µF)
* **Rated Voltage:** 10V DC
* **Operating Temperature:** -55°C to +105°C
* **Endurance:** 2,000 to 5,000 hours at 105°C (depending on specific size)
* **Mounting Type:** SMD / Chip Type
* **Polarity:** Polarized (Has a designated negative terminal indicated by a black stripe)
---
### 3. Key Applications
Because of its **Low Impedance** profile, this part is ideal for high-frequency switching circuits:
1. **Motherboards & Peripherals:** Used in VRM circuits for CPU/GPU power.
2. **DC-DC Converters:** Filtering noise in power supply modules.
3. **Consumer Electronics:** LED TVs, game consoles, and set-top boxes.
4. **Telecommunications:** Network routers and base station equipment.
---
### 4. Schematic Representation
In a circuit diagram, the part is represented as a polarized capacitor:
```text
+ | | -
----| |----
| |
(330uF/10V)
```
- ⤷
What are the physical dimensions of the 'G' size code for this capacitor?
- ⤷ Can this 10V capacitor be used in a 12V circuit?
- ⤷ What is the specific ESR (Equivalent Series Resistance) for the RTZ series?