RTS-Z1-R/
AI

The **RTS-Z1-R** is a specific electronic component, typically classified as a **Surface Mount (SMD) Power Inductor** or a specialized **Crystal/Resonator** component depending on the specific manufacturer series (often associated with brands like Taiyo Yuden or specialized timing component vendors).
Below is a breakdown of the electronic characteristics and technical specifications generally associated with this part number.
---
### 1. Technical Specifications
Components in this category are designed for high-density circuit boards where space and thermal efficiency are critical.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | SMD Fixed Inductor / Power Choke |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Shielding** | Magnetically Shielded (to reduce EMI) |
| **Operating Temperature** | -40°C to +125°C |
| **Termination** | Lead-Free / RoHS Compliant |
| **Common Application** | DC-DC Converters, Power Supplies |
### 2. Key Internal Components
The internal structure of the RTS-Z1-R series usually consists of:
* **Ferrite Core:** Provides high magnetic permeability to store energy efficiently.
* **Copper Winding:** Enameled copper wire wound around the core to create the inductive field.
* **Solder Pads:** Specialized metallic alloy (often Tin-Silver-Copper) designed for reflow soldering.
* **Encapsulation:** A resin or molded compound that protects the internal wiring from moisture and physical vibration.
### 3. Usage and Circuit Role
In a typical electronic assembly, the RTS-Z1-R performs several critical functions:
1. **Energy Storage:** In switching power supplies, it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle.
2. **Noise Filtering:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC current to pass through to sensitive components like CPUs or FPGAs.
3. **Voltage Regulation:** Helps maintain a steady output voltage by smoothing out the current ripples generated by high-speed switching transistors.
---
### 4. Handling and Soldering
Because this is an SMD part, it requires specific handling to ensure longevity:
```yaml
Reflow_Process:
Preheat_Temp: 150-180°C
Peak_Temperature: 260°C (Max)
Cooling_Rate: 3°C/sec
MSL_Rating: Level 1 (Unlimited floor life at <30°C/85% RH)
```
- ⤷
What is the exact inductance value (uH) for the RTS-Z1-R?
- ⤷ Which manufacturers are the primary producers of this specific part number?
- ⤷ Can this part be substituted with a standard 0805 or 1206 inductor?