RTS-4DD-R/E
AI

The **RTS-4DD-R/E** is a specific model within the series of Industrial Solid State Relay (SSR) modules, typically used for high-speed switching and motor control. These devices are designed to interface low-voltage control signals with high-power electrical loads.
---
### 1. Component Overview
The RTS-4DD-R/E is a **4-Channel DC-to-DC Solid State Relay Module**. Unlike traditional mechanical relays, it uses semiconductor components (Transistors/MOSFETs) to perform the switching, offering significantly longer life cycles and faster response times.
### 2. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Control Voltage (Input)** | Typically 3.3V - 24V DC |
| **Load Voltage (Output)** | 5V - 60V DC (Varies by specific sub-model) |
| **Max Load Current** | Usually 5A to 10A per channel |
| **Switching Type** | MOSFET Output (DC switching) |
| **Isolation** | Optocoupler Isolation (Protects the controller) |
| **Response Time** | < 1ms |
| **Mounting** | DIN Rail Mountable |
---
### 3. Key Electronic Sub-systems
#### A. Input Side (Control)
* **Optoisolators:** The core of the input circuit. It uses an internal LED to transmit a signal via light to a photo-sensitive transistor. This ensures that the high-voltage load side is electrically separated from the low-voltage controller (like a PLC or Arduino), preventing damage from back-EMF or surges.
* **Input Status LEDs:** Indicators that light up when a control signal is active on a specific channel.
#### B. Output Side (Power Switching)
* **Power MOSFETs:** These act as the electronic "switch." Because they have very low "On-Resistance" ($R_{DS(on)}$), they can handle high current with minimal heat generation.
* **Flyback Diodes:** Usually integrated to protect the MOSFETs from voltage spikes when switching inductive loads (like DC motors or solenoids).
#### C. Protection Circuits
* **Reverse Polarity Protection:** Prevents the module from burning out if the input power wires are connected backwards.
* **Fuse/Overcurrent Protection:** Some variations include replaceable fuses or thermal shutdowns to protect the internal circuitry.
---
### 4. Typical Applications
1. **PLC Interface:** Converting a low-current PLC output to drive a high-power DC motor.
2. **Solenoid Control:** High-frequency pulsing of pneumatic or hydraulic valves.
3. **Heater Control:** Precise PWM (Pulse Width Modulation) control of DC heating elements.
4. **Signal Conversion:** Interfacing different voltage levels between industrial sensors and controllers.
- ⤷
What is the difference between this DC output model and an AC output SSR?
- ⤷ How do I calculate the heat dissipation requirements for this module?
- ⤷ Can this module be used for PWM speed control of a DC motor?