AI

The **RTS-4C2-R/E** is a specific model within the series of **Rotary DIP Switches** manufactured by companies like **COPALELE (Nidec Components)**. These components are designed for circuit configuration, addressing, and mode selection on printed circuit boards (PCBs).
---
### 1. General Specifications
The part number follows a specific nomenclature that defines its electronic and physical characteristics.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Rotary DIP Switch | Used for manual binary/code setting. |
| **Positions** | 10 or 16 | Usually BCD (10) or Hexadecimal (16). |
| **Output Code** | Real Code | The output matches the dial position. |
| **Actuator Type** | Shaft / Recessed | "R" often denotes a recessed/flat actuator. |
| **Mounting Style** | Through-hole or SMD | Depends on the specific suffix (E/R). |
---
### 2. Key Electronic Characteristics
These switches are rated for low-power signal switching.
* **Switching Capacity:** Usually **5V DC, 100mA**.
* **Non-Switching Rating:** Up to **50V DC, 100mA** (Current it can carry without moving).
* **Contact Resistance:** Maximum **100 mΩ**.
* **Insulation Resistance:** Minimum **1,000 MΩ** at 100V DC.
* **Dielectric Strength:** **250V AC** for 1 minute.
---
### 3. Pinout and Circuitry
The "4C" in the part number typically refers to a **4-bit output**. When the dial is turned, it bridges internal metallic traces to create a specific binary output across the pins.
* **Common Pin (C):** The input signal pin.
* **Output Pins (1, 2, 4, 8):** These represent the binary weights.
* **Binary Logic:**
* Position 0: All pins open.
* Position 1: Pin 1 connected to Common.
* Position 3: Pin 1 and Pin 2 connected to Common (1+2=3).
* Position 7: Pin 1, 2, and 4 connected to Common (1+2+4=7).
---
### 4. Suffix Meanings (R/E)
In the Nidec/Copal naming convention:
* **R:** Often indicates **Tape and Reel** packaging or a specific **Recessed** actuator shape to prevent accidental adjustment.
* **E:** Usually signifies **Environmental** compliance (Lead-free/RoHS) or specific terminal plating.
---
### 5. Common Applications
* **Industrial Controls:** Setting Modbus or CAN bus node IDs.
* **Telecommunications:** Configuring internal hardware settings.
* **Computing:** Manual BIOS or hardware override settings on motherboards.
- ⤷
What is the difference between Real Code and Complementary Code in these switches?
- ⤷ How do I calculate the pull-up resistor values for the output pins?
- ⤷ Can this switch be cleaned using ultrasonic or aqueous methods?