RTS-422-R
AI

The **RTS-422-R** is a specific electronic component typically categorized as a **Surface Mount (SMT) Tactile Switch**. These switches are widely used in consumer electronics, automotive interfaces, and industrial controls due to their compact footprint and reliable feedback.
---
## 1. Technical Specifications
The electrical and mechanical characteristics of the RTS-422-R are summarized in the table below:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Tactile (Momentary) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Actuation Force** | Typically 160gf to 250gf |
| **Contact Rating** | 50mA @ 12V DC |
| **Dielectric Strength** | 250V AC for 1 minute |
| **Operating Life** | 50,000 to 100,000 cycles |
| **Travel Distance** | 0.25mm ± 0.1mm |
---
## 2. Key Internal Components
The RTS-422-R consists of several integrated parts that allow it to function as a bridge in an electrical circuit:
1. **Actuator (Stem):** The physical button part that the user presses. In the "R" variant, this is often a low-profile or standard height plastic stem.
2. **Contact Dome:** A snap-action metal disc (usually stainless steel). When pressed, it collapses to provide tactile "click" feedback and completes the circuit.
3. **Base/Housing:** High-temperature thermoplastic (LCP or Nylon) designed to withstand IR reflow soldering temperatures.
4. **Terminals:** Silver-plated or gold-plated brass leads that interface with the PCB traces.
---
## 3. Circuit Configuration
Most RTS series tactile switches follow a **SPST-NO** (Single Pole Single Throw - Normally Open) logic.
```javascript
// Schematic Representation
(Terminal A) ----\ ---- (Terminal B)
[Switch]
// When pressed, Terminal A and B are shorted.
```
---
## 4. Application Use-Cases
* **User Interfaces:** Reset buttons on routers, volume controls on handheld devices.
* **Peripheral Input:** Mouse buttons or keyboard function keys.
* **Industrial:** Calibration buttons on sensor modules.
- ⤷
What are the specific dimensions of the RTS-422-R footprint?
- ⤷ What is the recommended soldering temperature profile for this switch?
- ⤷ Does the 'R' suffix denote tape and reel packaging or a specific actuator height?