RTS-3D4-R/E
AI

The **RTS-3D4-R/E** is a high-precision digital rotary torque sensor. These devices are typically used in industrial automation, test benches, and quality control to measure torque on rotating shafts without physical contact interference.
---
## 1. Core Electronic Components
The internal architecture of the RTS-3D4-R/E consists of several integrated subsystems:
| Component Type | Function | Details |
| :--- | :--- | :--- |
| **Strain Gauge Bridge** | Physical Sensing | Uses a Wheatstone bridge configuration to convert mechanical torsion into a micro-volt electrical signal. |
| **Telemetry System** | Signal Transfer | A non-contact (wireless) power and data transmission system between the rotor and stator. |
| **A/D Converter** | Digital Processing | High-resolution (often 16-bit or 24-bit) analog-to-digital converter located on the rotor. |
| **On-board Microprocessor** | Signal Conditioning | Handles zero-point calibration, temperature compensation, and filtering. |
| **I/O Interface** | Communication | Supports industrial outputs like ±5V/±10V, 4-20mA, or digital RS485/CANbus. |
---
## 2. Technical Specifications
The "R/E" designation often refers to specific encoder and rotation features.
### Key Electronic Parameters:
* **Power Supply:** Generally 12V to 24V DC.
* **Response Frequency:** High-speed sampling (often up to 1kHz or 10kHz depending on the specific model variation).
* **Accuracy Class:** Typically 0.1% to 0.5% F.S. (Full Scale).
* **Insulation Resistance:** >500MΩ at 100V DC to ensure electrical safety and noise reduction.
---
## 3. Working Principle
1. **Measurement:** As the shaft rotates, the **Strain Gauges** detect deformation.
2. **Conversion:** The analog signal is amplified and converted to digital data on the rotating shaft.
3. **Transmission:** The data is sent via **Inductive Coupling** (the "E" in many models stands for electromagnetic or encoder integration) to the stationary housing.
4. **Output:** The stationary electronics process the data and output it via the **3D4 connector** (a standard circular industrial connector).
---
## 4. Connection Interface
The unit typically uses a multi-pin aviation plug (e.g., M12 or GX series).
```yaml
Pin Configuration (Standard Example):
1: +Vcc (Power Input)
2: GND (Common Ground)
3: Torque Signal (±5V / 4-20mA)
4: Speed Signal (Pulse/Frequency)
5: RS485-A / CAN-H (Optional Digital)
6: RS485-B / CAN-L (Optional Digital)
```
- ⤷
What are the primary differences between the R and E versions of this sensor?
- ⤷ How do I calibrate the zero-point on the RTS-3D4 series?
- ⤷ Which PLC communication protocols are compatible with the RS485 output?