AI

The **RTS-3D3-R/E** is a high-precision, wireless 3D touch probe system primarily used in CNC machining centers for workpiece alignment and inspection. It is manufactured by **Renishaw** (or compatible providers) and utilizes optical infrared transmission.
---
### Core Electronic Components and Specifications
The device integrates several sophisticated electronic subsystems to ensure sub-micron repeatability and reliable signal transmission in harsh industrial environments.
#### 1. Sensing Mechanism (The Trigger)
The probe uses a kinematic resistive design. When the stylus touches a surface, the internal mechanical structure deflects, breaking an electrical circuit.
* **Repeatability:** Typically < 1.0 $\mu$m.
* **Trigger Force:** Pre-set internally to ensure consistent signal generation.
#### 2. Transmission Module (Infrared)
Since this is the "R/E" (Receiver/Emitter) variant, it relies on line-of-sight infrared communication to send data back to the CNC controller.
* **Signal Type:** 360° infrared optical transmission.
* **Range:** Usually up to 6–10 meters depending on the receiver.
* **Channels:** Supports multiple channels to prevent interference with other probes in the same workshop.
#### 3. Power Management
* **Battery Type:** Typically powered by 2x LS14250 (3.6V Lithium) or equivalent batteries.
* **Standby Mode:** Includes low-power electronic "sleep" states to prolong battery life (often lasting > 6 months under normal usage).
---
### Technical Specifications Table
| Feature | Specification Details |
| :--- | :--- |
| **Transmission Type** | Infrared (Optical) |
| **Sensing Directions** | 5-way: ±X, ±Y, +Z |
| **Operating Voltage** | 3.0V to 3.6V DC |
| **Signal Transmission Range** | Up to 10m (33 ft) |
| **IP Rating** | IP68 (Electronic components sealed against coolant/dust) |
| **Receiver Compatibility** | Works with OMI-2, OMI-2T, or OSI/OMM-2 receivers |
---
### Electronic Connectivity & Integration
The probe interacts with the CNC machine's PLC (Programmable Logic Controller) through an interface unit.
```mermaid
graph LR
A[Stylus Contact] --> B[Internal PCB]
B --> C[IR Emitter]
C -- Optical Signal --> D[Machine Receiver]
D --> E[CNC Controller/PLC]
```
1. **Status LEDs:** The probe body features circular LEDs that change color (Green/Red) to indicate battery status, trigger state, and signal strength.
2. **Logic Logic:** The electronic output is usually "Fail-Safe," meaning the CNC will stop (E-stop) if the signal is lost or the battery dies to prevent a crash.
---
- ⤷
How do you calibrate the RTS-3D3-R/E for the first time?
- ⤷ What are the common causes of interference for infrared probes?
- ⤷ How does the battery life compare between IR and Radio transmission probes?