RTS-31A-R/E
AI

The **RTS-31A-R/E** is a high-precision electronic thermal relay (specifically a temperature-sensitive reed switch) commonly used in industrial automation, HVAC systems, and electronic protection circuits.
Below is a detailed breakdown of its electronic components and technical specifications.
---
### 1. Key Technical Specifications
The device acts as a thermal sensor and a switch integrated into a single package.
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Reed Switch (Thermostat) |
| **Contact Configuration** | Normally Closed (NC) or Normally Open (NO) |
| **Operating Temperature** | Predetermined (Specific to the "A" or "B" series) |
| **Max Switching Voltage** | 100V - 120V AC/DC (Typical) |
| **Max Switching Current** | 0.5A |
| **Contact Resistance** | < 150 mΩ |
---
### 2. Internal Electronic Parts
The RTS-31A-R/E consists of three primary physical and electronic segments:
#### A. Thermal Ferrite (The Sensing Element)
The core of the device is a **ferromagnetic material** with a specific **Curie Point**.
- At normal temperatures, the ferrite is magnetic, keeping the reed switch in its default state (usually closed).
- Once the target temperature is reached, the ferrite loses its magnetic properties, causing the reed switch to change state.
#### B. Reed Switch (The Output Mechanism)
This consists of two metal blades (reeds) hermetically sealed in a glass tube.
- **Gold or Rhodium Plating:** The contact surfaces are often plated with precious metals to prevent oxidation and ensure a long lifecycle (millions of operations).
- **Inert Gas:** The glass envelope is filled with nitrogen or another inert gas to prevent arcing.
#### C. Housing and Terminals
- **Resin Encapsulation:** The electronic internals are encapsulated in high-grade epoxy or plastic to resist moisture and vibration.
- **Leads:** The "R/E" suffix often denotes specific lead wire configurations (Right-angle or Extended) designed for PCB mounting or wire-to-wire connections.
---
### 3. Functional Operation
The device operates on the principle of **Thermo-Magnetism**:
1. **Normal State:** The internal permanent magnet or ferrite holds the reed blades together (or apart).
2. **Trigger State:** As the ambient temperature rises to the set point (e.g., 60°C or 70°C), the ferrite becomes non-magnetic.
3. **Reset State:** Once the temperature drops below a certain "Differential" (Hysteresis), the magnetic field returns, and the switch snaps back to its original position.
---
### 4. Application Areas
* **Overheat Protection:** Used in power supplies to shut down the system if the heatsink gets too hot.
* **Fire Detection:** Acting as a localized heat sensor in fire alarm panels.
* **Fluid Temp Control:** Monitoring temperature in liquid reservoirs.
- ⤷
What is the specific Curie temperature for the RTS-31A series?
- ⤷ How does the 'R/E' suffix change the physical mounting of the part?
- ⤷ Can this switch be used to directly drive a high-power AC motor?