AI

The **RTS-2C1-R/E** is a specific model of a **Miniature Low-Profile Power Relay**, typically manufactured by companies like **Goodsky** or similar electronic component vendors. These components are designed for PCB (Printed Circuit Board) mounting and are commonly used for switching power loads in constrained spaces.
---
### 1. Technical Specifications
The "RTS" series generally follows a standard naming convention. Below are the typical electronic characteristics for this specific part:
| Feature | Specification |
| :--- | :--- |
| **Contact Form** | DPDT (2 Form C) - Double Pole Double Throw |
| **Contact Material** | AgSnO2 (Silver Tin Oxide) or AgNi (Silver Nickel) |
| **Max Switching Current** | 8A (Typical per pole) |
| **Rated Coil Voltage** | 12V DC or 24V DC (Model dependent) |
| **Power Consumption** | Approx. 400mW - 530mW |
| **Dielectric Strength** | 5,000V AC (between coil and contacts) |
| **Insulation Class** | Class F (155°C) |
---
### 2. Breakdown of the Model Code
The suffix structure explains the physical and electrical design of the part:
* **RTS**: Series name (Miniature Power Relay).
* **2C**: Indicates **2** poles with **Form C** (Changeover/SPDT) contact arrangement.
* **1**: Standard sensitivity or specific contact rating (often 8A - 12A depending on series).
* **R**: Often denotes a **Flux-proof** or **Reflow solderable** construction.
* **E**: Usually signifies **High Capacity** or a specific **Environmental/Safety** rating (like UL/TUV compliance).
---
### 3. Key Electronic Features
* **High Isolation:** Provides a high clearance and creepage distance (usually 8mm), making it safe for interfacing low-voltage control circuits with high-voltage AC mains.
* **Low Profile:** The height is generally kept under 16mm, allowing for use in slim electronic devices or rack-mounted equipment.
* **Inrush Current Handling:** The silver-based alloy contacts are designed to resist "welding" when dealing with high inrush currents from motors or capacitive loads.
---
### 4. Typical Applications
This relay is widely used in industrial and consumer electronics:
1. **HVAC Systems:** Controlling fans, valves, and small compressors.
2. **Home Appliances:** Microwave ovens, washing machines, and heating controllers.
3. **Industrial PLC:** Used as an output relay to trigger external actuators.
4. **Audio Equipment:** Speaker protection circuits and power switching.
---
### 5. Footprint and Mounting
The part uses a **DIP (Dual In-line Package)** pin layout for PCB mounting.
```text
Pin Layout (Top View Representation):
+-------------------------+
| (Coil) (Coil) |
| [1] [8] |
| |
| [2] [3] [4] | <-- Pole 1 (NC, COM, NO)
| [7] [6] [5] | <-- Pole 2 (NC, COM, NO)
+-------------------------+
```
---
- ⤷What is the exact coil voltage for the 'R' variant of this relay?
- ⤷ Can this relay be used for switching DC loads higher than 30V?
- ⤷ What are the equivalent alternative parts from brands like Omron or TE Connectivity?