công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RTS-2A4-R

  • AI
    The **RTS-2A4-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Tactile Switch**. These components are widely used in consumer electronics, industrial controls, and medical devices to provide a physical interface for users to input commands. --- ### 1. General Specifications The RTS series is known for its compact footprint and reliability. Below are the typical technical specifications for this part: | Parameter | Value | | :--- | :--- | | **Component Type** | Tactile Switch | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Circuit Configuration** | SPST (Single Pole Single Throw) | | **Switch Function** | Momentary (Normally Open) | | **Contact Rating** | 50mA @ 12V DC (Typical) | | **Operating Force** | 160gf or 260gf (Model dependent) | | **Travel Distance** | ~0.25 mm | --- ### 2. Key Electronic Features The RTS-2A4-R is engineered for durability and efficiency within low-voltage circuits. * **Momentary Action:** The circuit is only "closed" (active) while the button is being physically pressed. Once released, the internal spring returns the switch to the "open" position. * **Low Contact Resistance:** Usually rated below $100m\Omega$, ensuring minimal signal loss or heat generation during operation. * **Tactile Feedback:** Provides a distinct "click" sensation, informing the user that the connection has been successfully made. * **Sealing/Protection:** The "-R" suffix often indicates **Tape and Reel** packaging for automated pick-and-place assembly, or in some manufacturer contexts, it can signify a specific RoHS compliance or reinforced sealing. --- ### 3. Pin Configuration and Internal Logic The switch typically features 4 pins, though it is a Single Pole device. This design provides mechanical stability on the PCB. ```text [ Pin 1 ]-------[ Pin 2 ] | | [--- Internal Bridge ---] | | [ Pin 3 ]-------[ Pin 4 ] ``` * **Idle State:** Pins 1/2 are disconnected from Pins 3/4. * **Pressed State:** All pins are connected, allowing current to flow through the bridge. --- ### 4. Common Applications Due to its small size and SMT design, the RTS-2A4-R is found in: 1. **Handheld Devices:** Remote controls, calculators, and smartphones. 2. **Computer Peripherals:** Keyboards, mouse buttons, and reset switches. 3. **Industrial Boards:** User interface buttons for embedded systems.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the RTS-2A4-R?
    • ⤷ How does the 'R' suffix affect the packaging for manufacturing?
    • ⤷ What is the mechanical life expectancy (actuations) of this switch?