công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RTS-241-R/

  • AI
    The **RTS-241-R** is a high-performance, single-axis solar tracking controller. It is designed to automate the movement of solar panels to follow the sun's trajectory, thereby maximizing energy yield. Below is an overview of its core electronic components and technical specifications. --- ### 1. Core Component Breakdown | Component Type | Description | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Integrated high-speed processor | Executes astronomical algorithms and processes sensor data. | | **Motion Sensor** | Electronic Inclinometer | Provides real-time feedback on the tilt angle of the tracker. | | **Communication Interface** | RS485 / Modbus RTU | Allows for remote monitoring, daisy-chaining, and SCADA integration. | | **Motor Driver** | H-Bridge / Relay circuit | Controls the DC actuator or motor (typically 24VDC). | | **Protection Circuitry** | TVS Diodes & Fuses | Protects the board against over-voltage, surges, and short circuits. | --- ### 2. Technical Specifications The "24" in the model name typically refers to the voltage rating, while "R" often denotes specific relay or communication configurations. * **Operating Voltage:** 24V DC (nominal). * **Tracking Accuracy:** Typically < ±1°. * **Output Current:** Support for high-torque linear actuators (varies by sub-model, usually up to 10A-20A). * **Operating Temperature:** -40°C to +70°C (Industrial grade). * **Enclosure Rating:** Usually IP65 or IP66 for outdoor durability. --- ### 3. Key Electronic Features #### A. Astronomical Algorithm + Sensor Fusion The RTS-241-R does not rely solely on light sensors (which can be fooled by clouds). It uses an **Astronomical Almanac** to calculate the sun's position based on GPS coordinates and time, combined with the **Electronic Inclinometer** to ensure the panel is physically at the correct angle. #### B. Protection Modes The electronic logic includes several safety "stow" modes: * **Wind Protection:** Interfaces with an anemometer to flatten panels during high winds. * **Snow Mode:** Tilts panels to a steep angle to shed heavy snow. * **Anti-Shadowing:** Calculates the shadows of adjacent rows to prevent self-shading in the morning/evening. #### C. Connectivity Through the **RS485 port**, multiple controllers can be networked to a central NCU (Network Control Unit). This allows an operator to update firmware or change tracking parameters for an entire solar farm simultaneously. ---
    ✨ Follow-up Questions
    • ⤷ How do I wire a DC linear actuator to the RTS-241-R?
    • ⤷ What is the difference between the RTS-241-R and the RTS-241-N models?
    • ⤷ Does this controller support wireless ZigBee or LoRa communication?