RTS-1D1-R
AI

The **RTS-1D1-R** is a specific model of a **Reverse Acting Thermostat** (often used in HVAC and industrial cooling/heating controls). While it is a mechanical device, its electronic function is defined by its internal switching mechanism and electrical ratings.
---
### 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics of the RTS-1D1-R:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Single Pole, Single Throw (SPST) |
| **Action** | Reverse Acting (Closes on temperature rise) |
| **Voltage Rating** | 120V / 240V AC |
| **Current Rating** | Typically 10A - 25A (depending on load type) |
| **Temperature Range** | Usually adjustable (common ranges: 30°F to 110°F) |
| **Differential** | Fixed or Adjustable (approx. 3°F - 5°F) |
---
### 2. Electronic Component Breakdown
The "electronics" of this unit are primarily electromechanical. Here is how the internal parts function:
#### A. The Bimetallic Sensor
This is the heart of the device. It consists of two bonded metals with different expansion coefficients. As temperature increases, the strip bends.
* **Reverse Acting Logic:** In the RTS-1D1-R, the strip is positioned to **close** the circuit when the temperature rises above the setpoint (commonly used for cooling fans).
#### B. Snap-Action Switch (Microswitch)
To prevent "arcing" (electrical sparking) when the contacts move slowly, the device uses a snap-action mechanism. This ensures a crisp, fast connection or disconnection of the electrical load.
#### C. Terminal Block
* **L1 (Line):** The incoming power phase.
* **Load:** The output terminal connected to the fan, pump, or cooling equipment.
* **Ground:** A safety connection to the metal chassis.
---
### 3. Application Use-Case
Because this is a **Reverse Acting** thermostat, its electronic behavior is inverted compared to a standard home heater:
* **Standard Thermostat:** Opens on temp rise (Turns **OFF** heater when hot).
* **RTS-1D1-R:** Closes on temp rise (Turns **ON** fan/cooler when hot).
---
### 4. Wiring Diagram Concept
```mermaid
graph LR
Power_Source -- L1 --> Thermostat_Input(RTS-1D1-R)
Thermostat_Input -- Switched_Output --> Cooling_Device(Fan/Blower)
Cooling_Device --> Neutral
```
- ⤷
What is the maximum amperage load supported by the RTS-1D1-R?
- ⤷ Can this model be used for a heating application instead of cooling?
- ⤷ How do you calibrate the temperature differential on this unit?